Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP4060A Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP4060A
Description  800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4060A Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP4060A Datasheet HTML 4Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 5Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 6Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 7Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 8Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 9Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 10Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 11Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 12Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Preliminary Datasheet
LP4060A
LP4060A – Ver. 1.0 Datasheet
Nov.-2007
Page 8 of 13
Applications Information
Operation
The LP4060A is a single cell lithium-ion battery
charger using a constant-current/constant-voltage
algorithm. It can deliver up to 800mA of charge
current (using a good thermal PCB layout) with a final
float voltage accuracy of ± 1%. The LP4060A includes
an internal P-channel power MOSFET and thermal
regulation circuitry. No blocking diode or external
current sense resistor is required; thus, the basic
charger circuit requires only two external components.
Furthermore, the LP4060A is capable of operating
from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin
rises above the UVLO threshold level and a 1%
program resistor is connected from the PROG pin to
ground or when a battery is connected to the charger
output. If the BAT pin is less than 2.9V, the charger
enters trickle charge mode. In this mode, the LP4060A
supplies approximately 1/10 the programmed charge
current to bring the battery voltage up to a safe level
for full current charging. (Note: The LP4060AX does
not include this trickle charge feature).
When the BAT pin voltage rises above 2.9V, the
charger enters constant-current mode, where the
programmed charge current is supplied to the battery.
When the BAT pin approaches the final float voltage
(4.2V), the LP4060A enters constant-voltage mode and
the charge current begins to decrease. When the charge
current drops to 1/10 of the programmed value, the
charge cycle ends.
Programming Charge Current
The charge current is programmed using a single
resistor from the PROG pin to ground. The battery
charge current is 1000 times the current out of the
PROG pin. The program resistor and the charge current
are calculated using the following equations:
RSET=830/ISET
The charge current out of the BAT pin can be
determined at any time by monitoring the PROG pin
voltage using the following equation:
ISET = 830/ RSET
Charge Termination
A charge cycle is terminated when the charge current
falls to 1/10th the programmed value after the final
float voltage is reached. This condition is detected by
using an internal, filtered comparator to monitor the
PROG pin. When the PROG pin voltage falls below
100mV for longer than tTERM (typically 1ms),
charging is terminated. The charge current is latched
off and the LP4060A enters standby mode, where the
input supply current drops to 200µA. When charging,
transient loads on the BAT pin can cause the PROG
pin to fall below 100mV for short periods of time
before the DC charge current has dropped to 1/10th the
programmed value. The 1ms filter time (TTERM) on
the termination comparator ensures that transient loads
of this nature do not result in premature charge cycle
termination. Once the average charge current drops
below 1/10th the programmed value, the LP4060A
terminates the charge cycle and ceases to provide any
current through the BAT pin. In this state, all loads on
the BAT pin must be supplied by the battery. The
LP4060A constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V
recharge threshold (VRECHRG), another charge cycle
begins and current is once again supplied to the battery.
To manually restart a charge cycle when in standby
mode, the input voltage must be removed and reapplied,
or the charger must be shut down and restarted using
the PROG pin. Figure 7 shows the state diagram of a
typical charge cycle.
Charge Status Indicator(CHRG)
The charge status output has three different states:
strong pull-down(~10mA), weak pull-down (~12µA)
and high impedance. The strong pull-down state
indicates that the LP4060A is in a charge cycle. Once
the charge cycle has terminated , the pin state is
determined by undervoltage lockout conditions. A
weak pull-down indicates that VCC meets the UVLO
conditions and the LP4060A is ready to charge. High
impedance indicates that the LP4060A is in
undervoltage lockout mode: either VCC is less than
100mV above the BAT pin voltage or insufficient
voltage is applied to the VCC pin. A microprocessor
can be used to distinguish between these three states
–this method is discussed in the Applications
Information section.
Charge Termination
An
internal
thermal
feedback
loop
reduces
the
programmed charge current if the die temperature


Similar Part No. - LP4060A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
   Programmable Charge Current Up to 800mA
More results

Similar Description - LP4060A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
STMicroelectronics
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com