Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6022T Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6022T
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6022T Datasheet(HTML) 3 Page - Microchip Technology

  MCP6022T Datasheet HTML 1Page - Microchip Technology MCP6022T Datasheet HTML 2Page - Microchip Technology MCP6022T Datasheet HTML 3Page - Microchip Technology MCP6022T Datasheet HTML 4Page - Microchip Technology MCP6022T Datasheet HTML 5Page - Microchip Technology MCP6022T Datasheet HTML 6Page - Microchip Technology MCP6022T Datasheet HTML 7Page - Microchip Technology MCP6022T Datasheet HTML 8Page - Microchip Technology MCP6022T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
© 2009 Microchip Technology Inc.
DS21685D-page 3
MCP6021/1R/2/3/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
Current at Analog Input Pins (VIN+, VIN–).....................±2 mA
Analog Inputs (VIN+, VIN–) †† ........ VSS –1.0VtoVDD +1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD +0.3V
Difference Input Voltage ...................................... |VDD –VSS|
Output Short Circuit Current ................................ Continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature ................................. –65° C to +150° C
Maximum Junction Temperature (TJ)........................ .+150° C
ESD Protection On All Pins (HBM; MM)
.............. ≥ 2 kV; 200V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “
Input Voltage and Current Limits”.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2 and RL =10kΩ to VDD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage:
Industrial Temperature Parts
VOS
-500
+500
µV
VCM = 0V
Extended Temperature Parts
VOS
-250
+250
µV
VCM = 0V, VDD = 5.0V
Extended Temperature Parts
VOS
-2.5
+2.5
mV
VCM = 0V, VDD = 5.0V
TA = -40°C to +125°C
Input Offset Voltage Temperature Drift
ΔV
OS/ΔTA
—±3.5
µV/°C
TA = -40°C to +125°C
Power Supply Rejection Ratio
PSRR
74
90
dB
VCM = 0V
Input Current and Impedance
Input Bias Current
IB
—1
pA
Industrial Temperature Parts
IB
—30
150
pA
TA = +85°C
Extended Temperature Parts
IB
640
5,000
pA
TA = +125°C
Input Offset Current
IOS
—±1
pA
Common-Mode Input Impedance
ZCM
—1013||6
Ω||pF
Differential Input Impedance
ZDIFF
—1013||3
Ω||pF
Common-Mode
Common-Mode Input Range
VCMR
VSS-0.3
VDD+0.3
V
Common-Mode Rejection Ratio
CMRR
74
90
dB
VDD = 5V, VCM = -0.3V to 5.3V
CMRR
70
85
dB
VDD = 5V, VCM = 3.0V to 5.3V
CMRR
74
90
dB
VDD = 5V, VCM = -0.3V to 3.0V
Voltage Reference (MCP6021 and MCP6023 only)
VREF Accuracy (VREF –VDD/2)
VREF_ACC
-50
+50
mV
VREF Temperature Drift
ΔV
REF/ΔT
A
±100
µV/°C
TA = -40°C to +125°C
Open-Loop Gain
DC Open-Loop Gain (Large Signal)
AOL
90
110
dB
VCM = 0V,
VOUT = VSS+0.3V to VDD-0.3V
Output
Maximum Output Voltage Swing
VOL, VOH
VSS+15
VDD-20
mV
0.5V input overdrive
Output Short Circuit Current
ISC
—±30
mA
VDD = 2.5V
ISC
—±22
mA
VDD = 5.5V


Similar Part No. - MCP6022T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6022T-E/MS MICROCHIP-MCP6022T-E/MS Datasheet
468Kb / 34P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6022T-E/OT MICROCHIP-MCP6022T-E/OT Datasheet
468Kb / 34P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6022T-E/P MICROCHIP-MCP6022T-E/P Datasheet
618Kb / 28P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6022T-E/P MICROCHIP-MCP6022T-E/P Datasheet
468Kb / 34P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6022T-E/SL MICROCHIP-MCP6022T-E/SL Datasheet
618Kb / 28P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
More results

Similar Description - MCP6022T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com