Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIV0103MHJ Datasheet(PDF) 5 Page - Vicor Corporation

Part # VIV0103MHJ
Description  DC to DC Voltage Transformation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIV0103MHJ Datasheet(HTML) 5 Page - Vicor Corporation

  VIV0103MHJ Datasheet HTML 1Page - Vicor Corporation VIV0103MHJ Datasheet HTML 2Page - Vicor Corporation VIV0103MHJ Datasheet HTML 3Page - Vicor Corporation VIV0103MHJ Datasheet HTML 4Page - Vicor Corporation VIV0103MHJ Datasheet HTML 5Page - Vicor Corporation VIV0103MHJ Datasheet HTML 6Page - Vicor Corporation VIV0103MHJ Datasheet HTML 7Page - Vicor Corporation VIV0103MHJ Datasheet HTML 8Page - Vicor Corporation VIV0103MHJ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
VIV0103THJ
Rev. 1.3
9/2009
Page 5 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
PRELIMINARY DATASHEET
No Load Power Dissipation vs. Line
Input Voltage (V)
-40°C
25°C
100°C
T
:
CASE
0.5
1
1.5
2
2.5
3
3.5
4
4.5
25 27 29 31 33 35 37 39 41 43 45 47 49 51 53 55
Full Load Efficiency vs. Case Temperature
Case Temperature (°C)
26 V
45 V
55 V
V :
IN
83
84
85
86
87
88
89
90
91
92
93
-40
-20
0
20
40
60
80
100
Efficiency & Power Dissipation -40°C Case
Output Current (A)
26 V
45 V
55 V
V :
IN
26 V
45 V
55 V
η
PD
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
4
8
1216202428
323640
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Output Current (A)
Efficiency & Power Dissipation 25°C Case
26 V
45 V
55 V
V :
IN
26 V
45 V
55 V
η
PD
68
70
72
74
76
78
80
82
84
86
88
90
92
94
0
4
8
1216202428
323640
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Output Current (A)
Efficiency & Power Dissipation 100°C Case
26 V
45 V
55 V
V :
IN
26 V
45 V
55 V
η
PD
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
0
4
8
1216202428
323640
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
-40
-20
0
20
40
60
80
100
ROUT vs. Case Temperature
Case Temperature (°C)
I
:
OUT
4 A
40 A
Figure 1 – No load power dissipation vs. VIN; TCASE
Figure 2 – Full load efficiency vs. temperature; VIN
Figure 3a – Efficiency and power dissipation at -40°C (case); VIN
Figure 3b – Efficiency and power dissipation at 25°C (case); VIN
Figure 3c – Efficiency and power dissipation at 100°C (case); VIN
Figure 4 – ROUT vs. temperature vs. IOUT


Similar Part No. - VIV0103MHJ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIV0103THJ VICOR-VIV0103THJ Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
More results

Similar Description - VIV0103MHJ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIV0104THJ VICOR-VIV0104THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
VIV0102THJ VICOR-VIV0102THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
VIV0105THJ VICOR-VIV0105THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
VIV0101THJ VICOR-VIV0101THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
logo
Powerbox
V048F120T025 POWERBOX-V048F120T025 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
logo
Calogic, LLC
CLM7660 CALOGIC-CLM7660 Datasheet
110Kb / 8P
   DC-to-DC Voltage Converter
logo
Vicor Corporation
VIV0005TFJ VICOR-VIV0005TFJ Datasheet
1Mb / 18P
   DC to DC Voltage Transformer
VIV0007TFJ VICOR-VIV0007TFJ Datasheet
1Mb / 18P
   DC to DC Voltage Transformer
logo
Powerex Power Semicondu...
M57182N-315 POWEREX-M57182N-315 Datasheet
56Kb / 4P
   High Voltage Input DC-to-DC Converter
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com