Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSY5XAEHE1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSY5XAEHE1E
Description  Xeon H Power Amber LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5XAEHE1E Datasheet(HTML) 1 Page - OptoSupply International

  OSY5XAEHE1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
X
Xe
eo
on
n H
H P
Po
ow
we
er
r A
Am
mb
be
er
r L
LE
ED
D
OSY5XAEHE1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Absolute Maximum Rating
(Ta=25
℃))))
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
200
mA
Pulse Forward Current*
IFP
250
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
600
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms
Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25
℃))))
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=150mA
2.0
2.5
3.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λ
D
IF=150mA
585
590
600
nm
Luminous Flux
Φv
IF=150mA
-
20
30
lm
50% Power Angle
1/2
IF=150mA
-
140
-
deg
Note: Don’t drive at rated current more than 5s without heat sink for Xeon H emitter series.
LED & Application Technologies
Unit:mm
Tolerances are for reference only
200
175
150
125
0
25
50
75
100
0
25
50
75
125
Ambient Temperature, TA
(℃)
100
RJ-A=70
℃/W
RJ-A=90
℃/W
RJ-A=110
℃/W


Similar Part No. - OSY5XAEHE1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5XAEHE1E OPTOSUPPLY-OSY5XAEHE1E Datasheet
115Kb / 1P
   Xeon H Power Yellow LED
OSY5XAEHE1E OPTOSUPPLY-OSY5XAEHE1E_11 Datasheet
115Kb / 1P
   Xeon H Power Yellow LED
OSY5XAEHE1E_VER.C.2 OPTOSUPPLY-OSY5XAEHE1E_VER.C.2 Datasheet
120Kb / 1P
   xeon h power yellow led
More results

Similar Description - OSY5XAEHE1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5XAE1E1E OPTOSUPPLY-OSY5XAE1E1E Datasheet
110Kb / 1P
   Xeon 1 Power Amber LED
OSY5XAE3E1E OPTOSUPPLY-OSY5XAE3E1E Datasheet
126Kb / 1P
   Xeon 3 Power Amber LED
OSY5XATHC1E OPTOSUPPLY-OSY5XATHC1E Datasheet
105Kb / 1P
   5x5x1.3mmTops H Power Amber LED
OSR5XMEHC1E OPTOSUPPLY-OSR5XMEHC1E Datasheet
164Kb / 1P
   Xeon H Power Red LED
OSR5XAEHE1E_VER.C.2 OPTOSUPPLY-OSR5XAEHE1E_VER.C.2 Datasheet
120Kb / 1P
   xeon h power blue led
OSY5XMEHC1E OPTOSUPPLY-OSY5XMEHC1E Datasheet
164Kb / 1P
   Xeon H Power Yellow LED
OSR5XMEHC1E OPTOSUPPLY-OSR5XMEHC1E_11 Datasheet
151Kb / 2P
   Xeon H Power Red LED
OSY5XAEHE1E_VER.C.2 OPTOSUPPLY-OSY5XAEHE1E_VER.C.2 Datasheet
120Kb / 1P
   xeon h power yellow led
OSB4XZEHE1E_VER.C.2 OPTOSUPPLY-OSB4XZEHE1E_VER.C.2 Datasheet
123Kb / 1P
   xeon h power blue led
OSB5XMEHC1E OPTOSUPPLY-OSB5XMEHC1E Datasheet
166Kb / 1P
   Xeon H Power Blue LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com