Electronic Components Datasheet Search |
|
OSY5PAA201A Datasheet(PDF) 1 Page - OptoSupply International |
|
OSY5PAA201A Datasheet(HTML) 1 Page - OptoSupply International |
|
1 / 1 page VER A.0 1 10 0m mm m B Bu ulllle ett P Pr re em miiu um m Yellow L LE ED D OSY5PAA201A ■ Features ■ Outline Dimension ● High Luminous LEDs ● 1100m mm m B Buulllleett Standard Directivity ● Superior Weather-resistance ● UV Resistant Epoxy ● Water Clear Type ■ Applications ● Traffic signal, Portable light source ● Signage and channel letter ● Decorating and entertainment lighting ● Architectural lighting ● Outdoor/Indoor applications/Other Lighting 2.54 12 0.5±0.05 1.Anode 2.Cathode Unit:mm Tolerance:±0.30mm 10.0 9.9 R3 .85 ■ Absolute Maximum Rating (Ta=25℃) ■ Directivity Item Symbol Value Unit DC Forward Current IF 50 mA Pulse Forward Current* IFP 120 mA Reverse Voltage VR 5 V Power Dissipation PD 120 mW Operating Temperature Topr -40~ +85 ℃ Storage Temperature Tstg -40 ~ +100 ℃ Lead Soldering Temperature Tsol 260 ℃/5sec - *Pulse width Max.10ms , Duty ratio max 1/10 0.5 30° 90° 60° 0 0 0.5 30° 60° 90° 11 ■ Electrical -Optical Characteristics (Ta=25℃) ■Maximum Forward Current Item Symbol Condition Min. Typ. Max. Unit DC Forward Voltage VF IF=20mA 1.8 2.1 2.4 V DC Reverse Current IR VR=5V - - 10 µA Domi. Wavelength* λD IF=20mA 585 590 595 nm Luminous Intensity* Iv IF=20mA - 60000 - mcd 50% Power Angle 2θ1/2 IF=20mA - 8 - deg *1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15% LED & Application Technologies Rth(J-a)=600°C/W Rth(J-a)=500°C/W Rth(J-a)=400°C/W 70 50 30 20 Maximun Permissible Forward Current Tj=115°C 40 30 20 10 0 0 10 Ta(Ambient Temperature -°C) 40 60 80 90 70 60 50 |
Similar Part No. - OSY5PAA201A |
|
Similar Description - OSY5PAA201A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |