Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSY5MAS1C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSY5MAS1C1A
Description  3.5x2.8x1.9mm Phoenix Yellow SMD LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5MAS1C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSY5MAS1C1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m Phoenix Yellow S
SM
MD
D
L
LE
ED
D
OSY5MAS1C1A
Features
Outline Dimension
High Luminous PLCC2 Top SMD LEDs
33..55xx22..88xx11..99mm Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Traffic Signal
Backlighting
Signal and channel letter
Other Lighting
Absolute Maximum Rating
(Ta=25
)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25
)
Maximum Forward Current
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.4
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
585
590
595
nm
Luminous Intensity*
Iv
IF=20mA
-
1000
-
mcd
50% Power Angle
1/2
IF=20mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
Rth(J-a)=450°C/W
Rth(J-a)=350°C/W
Rth(J-a)=250°C/W
70
50
30
20
Maximun Permissible Forward Current Tj=115°C
40
30
20
10
0
0
10
Ta(Ambient Temperature -°C)
40
60
80 90
70
60
50


Similar Part No. - OSY5MAS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5MAS1C1A OPTOSUPPLY-OSY5MAS1C1A Datasheet
111Kb / 1P
   3.5x2.8x1.9mm Phoenix Yellow SMD LED
OSY5MAS1C1A OPTOSUPPLY-OSY5MAS1C1A_11 Datasheet
111Kb / 1P
   3.5x2.8x1.9mm Phoenix Yellow SMD LED
More results

Similar Description - OSY5MAS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5MAS1C1A OPTOSUPPLY-OSY5MAS1C1A_11 Datasheet
111Kb / 1P
   3.5x2.8x1.9mm Phoenix Yellow SMD LED
OSY5MTS5C1A OPTOSUPPLY-OSY5MTS5C1A Datasheet
158Kb / 1P
   3.5x2.8x1.9mm Phoenix Yellow Top SMD LED
OSY5M3S3C1A OPTOSUPPLY-OSY5M3S3C1A Datasheet
109Kb / 1P
   3.5x2.8x1.9mm Phoenix Yellow Power Top SMD LED
OSY5M3S3C1A OPTOSUPPLY-OSY5M3S3C1A_11 Datasheet
109Kb / 1P
   3.5x2.8x1.9mm Phoenix Yellow Power Top SMD LED
OSO5MAS1C1A OPTOSUPPLY-OSO5MAS1C1A Datasheet
101Kb / 1P
   3.5x2.8x1.9mm Phoenix Orange SMD LED
OSR5MAS1C1A OPTOSUPPLY-OSR5MAS1C1A Datasheet
101Kb / 1P
   3.5x2.8x1.9mm Phoenix Red SMD LED
OSR5MTS5C1A OPTOSUPPLY-OSR5MTS5C1A Datasheet
158Kb / 1P
   3.5x2.8x1.9mm Phoenix Red Top SMD LED
OSO5MTS5C1A OPTOSUPPLY-OSO5MTS5C1A Datasheet
158Kb / 1P
   3.5x2.8x1.9mm Phoenix Orange Top SMD LED
OSYGH4S2C1A OPTOSUPPLY-OSYGH4S2C1A_12 Datasheet
109Kb / 1P
   3.5x2.8x1.9mm Yellow & Yellow Green SMD LED
OSYGH4S2C1A OPTOSUPPLY-OSYGH4S2C1A Datasheet
99Kb / 1P
   3.5x2.8x1.9mm Yellow& Yellow Green SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com