Electronic Components Datasheet Search |
|
MB90F455SPMT Datasheet(PDF) 2 Page - Fujitsu Component Limited. |
|
MB90F455SPMT Datasheet(HTML) 2 Page - Fujitsu Component Limited. |
2 / 80 page MB90455 Series 2 DS07-13728-5E • 16 Mbyte CPU memory space • 24-bit internal addressing • Instruction system best suited to controller • Wide choice of data types (bit, byte, word, and long word) • Wide choice of addressing modes (23 types) • Enhanced multiply-divide instructions and RETI instructions • Enhanced high-precision computing with 32-bit accumulator • Instruction system compatible with high-level language (C language) and multitask • Employing system stack pointer • Enhanced various pointer indirect instructions • Barrel shift instructions • Increased processing speed • 4-byte instruction queue • Powerful interrupt function with 8 levels and 34 factors • Automatic data transfer function independent of CPU • Expanded intelligent I/O service function (EI2 OS): Maximum of 16 channels • Low power consumption (standby) mode • Sleep mode (a mode that halts CPU operating clock) • Time-base timer mode (a mode that operates oscillation clock, sub clock, time-base timer and watch timer only) • Watch mode (a mode that operates sub clock and watch timer only) • Stop mode (a mode that stops oscillation clock and sub clock) • CPU blocking operation mode • Process •CMOS technology • I/O port • General-purpose input/output port (CMOS output): 34 ports(MB90F455/F456/F457, MB90455/456/457) (in- cluding 4 high-current output ports) (When sub clock is not used, 36 ports(MB90F455S/F456S/F457S, MB90455S/456S/457S)) • Timer • Time-base timer, watch timer, watchdog timer: 1 channel • 8/16-bit PPG timer: 8-bit x 4 channels, or 16-bit x 2 channels • 16-bit reload timer: 2 channels • 16-bit input/output timer - 16-bit free run timer: 1 channel - 16-bit input capture: (ICU): 4 channels Interrupt request is issued upon latching a count value of 16-bit free run timer by detection of an edge on pin input. • UART 1: 1 channel • Equipped with full-duplex double buffer • Clock-asynchronous or clock-synchronous serial transmission is available (Continued) |
Similar Part No. - MB90F455SPMT |
|
Similar Description - MB90F455SPMT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |