Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F464BB Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB91F464BB
Description  32-bit Microcontroller
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F464BB Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB91F464BB Datasheet HTML 1Page - Fujitsu Component Limited. MB91F464BB Datasheet HTML 2Page - Fujitsu Component Limited. MB91F464BB Datasheet HTML 3Page - Fujitsu Component Limited. MB91F464BB Datasheet HTML 4Page - Fujitsu Component Limited. MB91F464BB Datasheet HTML 5Page - Fujitsu Component Limited. MB91F464BB Datasheet HTML 6Page - Fujitsu Component Limited. MB91F464BB Datasheet HTML 7Page - Fujitsu Component Limited. MB91F464BB Datasheet HTML 8Page - Fujitsu Component Limited. MB91F464BB Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 136 page
background image
MB91460B Series
2
DS07-16609-1E
2 transfer sources (internal peripheral/software)
Activation source can be selected using software
Addressing mode specifies full 32-bit addresses (increment/decrement/fixed)
Transfer mode (demand transfer/burst transfer/step transfer/block transfer)
Transfer data size selectable from 8/16/32-bit
Multi-byte transfer enabled (by software)
DMAC descriptor in I/O areas (200H to 240H, 1000H to 1024H)
• A/D converter (successive approximation type)
10-bit resolution: maximum 32 channels
Conversion time: minimum 1
μs
• External interrupt inputs : maximum 16 channels
6 channels shared with CAN RX or I2C pins
• Bit search module (for REALOS)
Function to search the first bit position of ‘’1’’, ‘’0’’, ‘’changed’’ from the MSB (most significant bit) within one word
• LIN-USART (full duplex double buffer): 4 or 7 channels, depending on pin multiplexing
Clock synchronous/asynchronous selectable
Sync-break detection
Internal dedicated baud rate generator
•I2C bus interface (supports 400 kbps): 2 channels
Master/slave transmission and reception
Arbitration function, clock synchronization function
• CAN controller (C-CAN): 3 or 6 channels (depending on the device)
Maximum transfer speed: 1 Mbps
32 transmission/reception message buffers
• Sound generator : 1 channel
Tone frequency : PWM frequency divide-by-two (reload value
+ 1)
• Alarm comparator : 1 channel
Monitor external voltage
Generate an interrupt in case of voltage lower/higher than the defined thresholds (reference voltage)
• 16-bit PPG timer : maximum 16 channels
• 16-bit reload timer: 8 channels
• 16-bit free-run timer: 8 channels (1 channel each for ICU and OCU)
• Input capture: maximum 8 channels (operates in conjunction with the free-run timer)
• Output compare: maximum 8 channels (operates in conjunction with the free-run timer)
• Up/Down counter: 2 channels (2*8-bit or 1*16-bit)
• Watchdog timer
• Real-time clock
• Low-power consumption modes : Sleep/stop mode function
• Low voltage detection circuit
Note: *1 These devices are under development.
Note: *2 FR, the abbreviation of FUJITSU RISC controller, is a line of products of Fujitsu Microelectronics Limited.
(Continued)


Similar Part No. - MB91F464BB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F464HB FUJITSU-MB91F464HB Datasheet
1,005Kb / 112P
   32-bit Microcontroller
logo
Cypress Semiconductor
MB91F464HB CYPRESS-MB91F464HB Datasheet
9Mb / 105P
   32-bit RISC, load/store architecture, five-stage pipeline
logo
Fujitsu Component Limit...
MB91F464HBPMC-GSE2 FUJITSU-MB91F464HBPMC-GSE2 Datasheet
1,005Kb / 112P
   32-bit Microcontroller
More results

Similar Description - MB91F464BB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com