Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F455S Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F455S
Description  16-bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F455S Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F455S Datasheet HTML 1Page - Fujitsu Component Limited. MB90F455S Datasheet HTML 2Page - Fujitsu Component Limited. MB90F455S Datasheet HTML 3Page - Fujitsu Component Limited. MB90F455S Datasheet HTML 4Page - Fujitsu Component Limited. MB90F455S Datasheet HTML 5Page - Fujitsu Component Limited. MB90F455S Datasheet HTML 6Page - Fujitsu Component Limited. MB90F455S Datasheet HTML 7Page - Fujitsu Component Limited. MB90F455S Datasheet HTML 8Page - Fujitsu Component Limited. MB90F455S Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
MB90455 Series
DS07-13728-5E
5
(Continued)
*1 : Settings of DIP switch S2 for using emulation pod MB2145-507. For details, See MB2145-507 Hardware Manual
(2.7 Power Pin solely for Emulator).
*2 : MB90F455S/F456S/F457S, MB90455S/456S/457S
Part Number
MB90F455 (S) /
F456 (S) /F457 (S)
MB90455 (S) /
456 (S) /457 (S)
MB90V495G
Parameter
8/16-bit PPG timer
Number of channels: 2 (four 8-bit channels are available also)
PPG operation is allowed with four 8-bit channels or two 16-bit channels.
Outputting pulse wave of arbitrary cycle or arbitrary duty is allowed.
Count clock: 62.5 ns to 1
μs
(with 16 MHz machine clock)
Delay interrupt generator
module
Interrupt generator module for task switching. Used for Real-time OS.
DTP/External interrupt
Number of inputs: 4
Activated by rising edge, falling edge, “H” level or “L” level input.
External interrupt or expanded intelligent I/O service (EI2OS) is available.
8/10-bit A/D converter
Number of channels: 8
Resolution: Selectable 10-bit or 8-bit.
Conversion time: 6.125
μs (at 16-MHz machine clock, including sampling time)
Sequential conversion of two or more successive channels is allowed. (Setting
a maximum of 8 channels is allowed.)
Single conversion mode
: Selected channel is converted only once.
Sequential conversion mode: Selected channel is converted repetitively.
Halt conversion mode
: Conversion of selected channel is stopped and
activated alternately.
UART 1
Number of channels: 1
Clock-synchronous transfer: 62.5 Kbps to 2 Mbps
Clock-asynchronous transfer: 9,615 bps to 500 Kbps
Communication is allowed by bi-directional serial communication function and
master/slave type connection.


Similar Part No. - MB90F455S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F455S FUJITSU-MB90F455S Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F455S FUJITSU-MB90F455S Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90F455SPMT FUJITSU-MB90F455SPMT Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F455SPMT FUJITSU-MB90F455SPMT Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F455S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com