Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F395HAPMT Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F395HAPMT
Description  16-bit Microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F395HAPMT Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F395HAPMT Datasheet HTML 1Page - Fujitsu Component Limited. MB90F395HAPMT Datasheet HTML 2Page - Fujitsu Component Limited. MB90F395HAPMT Datasheet HTML 3Page - Fujitsu Component Limited. MB90F395HAPMT Datasheet HTML 4Page - Fujitsu Component Limited. MB90F395HAPMT Datasheet HTML 5Page - Fujitsu Component Limited. MB90F395HAPMT Datasheet HTML 6Page - Fujitsu Component Limited. MB90F395HAPMT Datasheet HTML 7Page - Fujitsu Component Limited. MB90F395HAPMT Datasheet HTML 8Page - Fujitsu Component Limited. MB90F395HAPMT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
MB90390 Series
DS07-13723-8E
5
(Continued)
*1 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply
Switching) about details.
*2 : This value comes from the technology qualification (using Arrehenius equation to translate high temperature
measurements into normalized value at +85
°C)
Part Number
Parameter
MB90394HA
MB90F394HA
MB90F395HA
MB90V390HB
I/O Ports
Virtually all external pins can be used as general purpose I/O
All push-pull outputs
Bit-wise programmable as input/output or peripheral signal
Port-wise programmable as CMOS Hysteresis or automotive Hysteresis inputs (default)
Clock Modulator
Spread spectrum clock modulator for reducing electromagnetic emissions.
Frequency and Phase Modulation modes.
Flash
Memory
Supports automatic programming,
Embedded Algorithm
Write/Erase/Erase-Suspend/Resume
commands
A flag indicating completion of the algorithm
Number of erase cycles : 10,000 times
Data retention time : 20 years*2
Hard-wired reset vector available in order to
point to a fixed boot sector in Flash Memory
Boot block configuration
Erase can be performed on each block
Block protection with external programming
voltage


Similar Part No. - MB90F395HAPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F395HAPMT FUJITSU-MB90F395HAPMT Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F395HAPMT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com