Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F897YS Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F897YS
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F897YS Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F897YS Datasheet HTML 1Page - Fujitsu Component Limited. MB90F897YS Datasheet HTML 2Page - Fujitsu Component Limited. MB90F897YS Datasheet HTML 3Page - Fujitsu Component Limited. MB90F897YS Datasheet HTML 4Page - Fujitsu Component Limited. MB90F897YS Datasheet HTML 5Page - Fujitsu Component Limited. MB90F897YS Datasheet HTML 6Page - Fujitsu Component Limited. MB90F897YS Datasheet HTML 7Page - Fujitsu Component Limited. MB90F897YS Datasheet HTML 8Page - Fujitsu Component Limited. MB90F897YS Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
MB90895 Series
2
DS07-13731-5E
(Continued)
• Instruction system best suited to controller
• Wide choice of data types (bit, byte, word, and long word)
• Wide choice of addressing modes (23 types)
• Enhanced multiply-divide instructions and RETI instructions
• Enhanced high-precision computing with 32-bit accumulator
• Instruction system compatible with high-level language (C language) and multitask
• Employing system stack pointer
• Enhanced various pointer indirect instructions
• Barrel shift instructions
• Increased processing speed
• 4-byte instruction queue
• Powerful interrupt function with 8 levels and 34 factors
• Automatic data transfer function independent of CPU
• Extended intelligent I/O service function (EI2OS): Maximum of 16 channels
• Low power consumption (standby) mode
• Sleep mode (a mode that halts CPU operating clock)
• Time-base timer mode (a mode that operates oscillation clock, sub clock, time-base timer and watch timer only)
• Watch mode (a mode that operates sub clock and watch timer only)
• Stop mode (a mode that stops oscillation clock and sub clock)
• CPU intermittent operation mode
• Process
•CMOS technology
• I/O port
• General-purpose input/output port (CMOS output) :
MB90F897/Y
: 34 ports (including 4 high-current output ports)
MB90F897S/YS : 36 ports (including 4 high-current output ports)
• Timer
• Time-base timer, watch timer, watchdog timer: 1 channel
• 8/16-bit PPG timer: 8-bit x 4 channels, or 16-bit x 2 channels
• 16-bit reload timer: 2 channels
• 16-bit input/output timer
- 16-bit free run timer: 1 channel
- 16-bit input capture: (ICU): 4 channels
Interrupt request is issued upon latching a count value of 16-bit free run timer by detection of an edge on pin input.
• CAN controller: 1 channel
• Complied with Ver 2.0A and Ver 2.0B CAN specifications
• 8 built-in message buffers
• Transmission rate of 10 kbps to 1 Mbps (by 16 MHz machine clock)
•CAN wake-up
• UART0 (SCI), UART1(SCI): 2 channels
• Equipped with full-duplex double buffer
• Clock-asynchronous or clock-synchronous serial transmission is available.
• DTP/External interrupt: 4 channels, CAN wake-up: 1channel
• Module for activation of extended intelligent I/O service (EI2OS), and generation of external interrupt.
• Delay interrupt generator module
• Generates interrupt request for task switching.
• 8/10-bit A/D converter: 8 channels
• Resolution is selectable between 8-bit and 10-bit.
• Activation by external trigger input is allowed.
• Conversion time: 6.125
μs (at 16-MHz machine clock, including sampling time)
• Program patch function
• Address matching detection for 2 address pointers.


Similar Part No. - MB90F897YS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F897YS FUJITSU-MB90F897YS Datasheet
312Kb / 52P
   16-bit Proprietary Microcontroller
MB90F897YSPMT FUJITSU-MB90F897YSPMT Datasheet
312Kb / 52P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F897YS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com