Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F457 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F457
Description  16-bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F457 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F457 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
MB90455 Series
2
DS07-13728-5E
• 16 Mbyte CPU memory space
• 24-bit internal addressing
• Instruction system best suited to controller
• Wide choice of data types (bit, byte, word, and long word)
• Wide choice of addressing modes (23 types)
• Enhanced multiply-divide instructions and RETI instructions
• Enhanced high-precision computing with 32-bit accumulator
• Instruction system compatible with high-level language (C language) and multitask
• Employing system stack pointer
• Enhanced various pointer indirect instructions
• Barrel shift instructions
• Increased processing speed
• 4-byte instruction queue
• Powerful interrupt function with 8 levels and 34 factors
• Automatic data transfer function independent of CPU
• Expanded intelligent I/O service function (EI2 OS): Maximum of 16 channels
• Low power consumption (standby) mode
• Sleep mode (a mode that halts CPU operating clock)
• Time-base timer mode (a mode that operates oscillation clock, sub clock, time-base timer and watch timer only)
• Watch mode (a mode that operates sub clock and watch timer only)
• Stop mode (a mode that stops oscillation clock and sub clock)
• CPU blocking operation mode
• Process
•CMOS technology
• I/O port
• General-purpose input/output port (CMOS output): 34 ports(MB90F455/F456/F457, MB90455/456/457) (in-
cluding 4 high-current output ports) (When sub clock is not used, 36 ports(MB90F455S/F456S/F457S,
MB90455S/456S/457S))
• Timer
• Time-base timer, watch timer, watchdog timer: 1 channel
• 8/16-bit PPG timer: 8-bit x 4 channels, or 16-bit x 2 channels
• 16-bit reload timer: 2 channels
• 16-bit input/output timer
- 16-bit free run timer: 1 channel
- 16-bit input capture: (ICU): 4 channels
Interrupt request is issued upon latching a count value of 16-bit free run timer by detection of an edge on pin
input.
• UART 1: 1 channel
• Equipped with full-duplex double buffer
• Clock-asynchronous or clock-synchronous serial transmission is available
(Continued)


Similar Part No. - MB90F457

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F457 FUJITSU-MB90F457 Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F457PMT FUJITSU-MB90F457PMT Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F457PMT FUJITSU-MB90F457PMT Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90F457S FUJITSU-MB90F457S Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F457S FUJITSU-MB90F457S Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F457

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com