Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F457 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F457
Description  16-bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F457 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F457 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F457 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MB90455 Series
4
DS07-13728-5E
■ PRODUCT LINEUP
(Continued)
Part Number
MB90F455 (S) /
F456 (S) /F457 (S)
MB90455 (S) /
456 (S) /457 (S)
MB90V495G
Parameter
Classification
Flash ROM
Mask ROM
Evaluation product
ROM capacity
MB90F455 (S) : 24 Kbytes
MB90F456 (S) : 32 Kbytes
MB90F457 (S) : 64 Kbytes
MB90455 (S) : 24 Kbytes
MB90456 (S) : 32 Kbytes
MB90457 (S) : 64 Kbytes
RAM capacity
2 Kbytes
6 Kbytes
Clock
MB90F455/F456/F457 :
2 systems
MB90F455S/F456S/F457S :
1 system
MB90455/456/457 :
2 systems
MB90455S/456S/457S :
1 system
2 systems
Process
CMOS
Package
LQFP-48 (Pin pitch 0.50 mm)
PGA256
Operating power supply voltage
3.5 V to 5.5 V
4.5 V to 5.5 V
Special power supply for
emulator*1
None
CPU functions
Number of basic instructions
Instruction bit length
Instruction length
Data bit length
: 351 instructions
: 8 bits and 16 bits
: 1 byte to 7 bytes
: 1 bit, 8 bits, 16 bits
Minimum instruction execution time : 62.5 ns (at 16-MHz machine clock)
Interrupt processing time : 1.5
μs at minimum (at 16-MHz machine clock)
Low power consumption
(standby) mode
Sleep mode/Watch mode/Time-base timer mode/
Stop mode/CPU intermittent
I/O port
General-purpose input/output ports (CMOS output) : 34 ports (36 ports*2)
including 4 high-current output ports (P14 to P17)
Time-base timer
18-bit free-run counter
Interrupt cycle : 1.024 ms, 4.096 ms, 16.834 ms, 131.072 ms
(with oscillation clock frequency at 4 MHz)
Watchdog timer
Reset generation cycle: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(with oscillation clock frequency at 4 MHz)
16-bit input/
output timer
16-bit free-run
timer
Number of channels: 1
Interrupt upon occurrence of overflow
Input capture
Number of channels: 4
Retaining free-run timer value set by pin input (rising edge, falling edge, and
both edges)
16-bit reload timer
Number of channels: 2
16-bit reload timer operation
Count clock cycle: 0.25
μs, 0.5 μs, 2.0 μs
(at 16-MHz machine clock frequency)
External event count is allowed.
Watch timer
15-bit free-run counter
Interrupt cycle: 31.25 ms, 62.5 ms, 12 ms, 250 ms, 500 ms, 1.0 s, 2.0 s
(with 8.192 kHz sub clock)


Similar Part No. - MB90F457

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F457 FUJITSU-MB90F457 Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F457PMT FUJITSU-MB90F457PMT Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F457PMT FUJITSU-MB90F457PMT Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90F457S FUJITSU-MB90F457S Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F457S FUJITSU-MB90F457S Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F457

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com