Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F897S Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F897S
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F897S Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F897S Datasheet HTML 1Page - Fujitsu Component Limited. MB90F897S Datasheet HTML 2Page - Fujitsu Component Limited. MB90F897S Datasheet HTML 3Page - Fujitsu Component Limited. MB90F897S Datasheet HTML 4Page - Fujitsu Component Limited. MB90F897S Datasheet HTML 5Page - Fujitsu Component Limited. MB90F897S Datasheet HTML 6Page - Fujitsu Component Limited. MB90F897S Datasheet HTML 7Page - Fujitsu Component Limited. MB90F897S Datasheet HTML 8Page - Fujitsu Component Limited. MB90F897S Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2004-2009 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2009.8
For the information for microcontroller supports, see the following web site.
This web site includes the "Customer Design Review Supplement" which provides the latest cautions on
system development and the minimal requirements to be checked to prevent problems before the system
development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90895 Series
MB90F897/F897S/F897Y*1/F897YS*1/
MB90V495G
■ DESCRIPTION
MB90895 series devices are 16-bit general-purpose microcontrollers designed for applications which need high-
speed real-time processing. The devices of this series are high-performance 16-bit CPU microcontrollers em-
ploying of the dual operation flash memory and CAN controller on LQFP-48 small package.
The system, inheriting the architecture of F2MC*2 family, employs additional instruction ready for high-level lan-
guages, expanded addressing mode, enhanced multiply-divide instructions, and enriched bit-processing instruc-
tions. Furthermore, employment of 32-bit accumulator achieves processing of long-word data (32 bits).
The peripheral resources of MB90895 series include the following:
8/10-bit A/D converter, UART0/UART1 (SCI), 8/16-bit PPG timer, 16-bit input-output timer (16-bit free-run timer,
input capture 0, 1, 2, 3 (ICU)), and CAN controller.
*1 : These devices are under development. This datasheet provides preliminary information for the devices under
development.
*2 : “F2MC” is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
• Models that support +125°C (MB90F897/S)
• Models that support +150°C (MB90F897Y/YS)
• Clock
• Built-in PLL clock frequency multiplication circuit
• Selection of machine clocks (PLL clocks) is allowed among frequency division by two on oscillation clock, and
multiplication of 1 to 4 times of oscillation clock (for 4-MHz oscillation clock, 4 MHz to 16 MHz).
• Operation by sub-clock (8.192 kHz) is allowed. (MB90F897/Y)
• Minimum execution time of instruction: 62.5 ns (when operating with 4-MHz oscillation clock, and 4-time multi-
plied PLL clock).
• 16 Mbyte CPU memory space
• 24-bit internal addressing
(Continued)
DS07-13731-5E


Similar Part No. - MB90F897S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F897S FUJITSU-MB90F897S Datasheet
746Kb / 78P
   16-bit Proprietary Microcontroller
MB90F897S FUJITSU-MB90F897S Datasheet
312Kb / 52P
   16-bit Proprietary Microcontroller
MB90F897SPMT FUJITSU-MB90F897SPMT Datasheet
746Kb / 78P
   16-bit Proprietary Microcontroller
MB90F897SPMT FUJITSU-MB90F897SPMT Datasheet
312Kb / 52P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F897S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com