Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F455 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F455
Description  16-bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F455 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F455 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F455 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F455 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F455 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F455 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F455 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F455 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F455 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F455 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2002-2009 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2009.8
For the information for microcontroller supports, see the following web site.
This web site includes the "Customer Design Review Supplement" which provides the latest cautions on
system development and the minimal requirements to be checked to prevent problems before the system
development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Microcontroller
CMOS
F2MC-16LX MB90455 Series
MB90F455 (S) /F456 (S) /F457 (S)
MB90455 (S) /456 (S) /457 (S) /V495G
■ DESCRIPTION
MB90455 series devices are general-purpose high-performance 16-bit micro controllers designed for process
control of consumer products, which require high-speed real-time processing.
The system, inheriting the architecture of F2MC* family, employs additional instruction ready for high-level lan-
guages, expanded addressing mode, enhanced multiply-divide instructions, and enriched bit-processing instruc-
tions. Furthermore, employment of 32-bit accumulator achieves processing of long-word data (32 bits).
The peripheral resources of MB90455 series include the following:
8/10-bit A/D converter, UART 1, 8/16-bit PPG timer, 16-bit input-output timer (16-bit free-run timer, input capture
0, 1, 2, 3 (ICU)).
*: F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
• Clock
• Built-in PLL clock frequency multiplication circuit
• Selection of machine clocks (PLL clocks) is allowed among frequency division by two on oscillation clock, and
multiplication of 1 to 4 times of oscillation clock (for 4-MHz oscillation clock, 4 MHz to 16 MHz).
• Operation by sub-clock (8.192 kHz) is allowed.
• Minimum execution time of instruction: 62.5 ns (when operating with 4-MHz oscillation clock, and 4-time multi-
plied PLL clock).
(Continued)
DS07-13728-5E


Similar Part No. - MB90F455

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F455 FUJITSU-MB90F455 Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F455PMT FUJITSU-MB90F455PMT Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F455PMT FUJITSU-MB90F455PMT Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90F455S FUJITSU-MB90F455S Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F455S FUJITSU-MB90F455S Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F455

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com