Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85R1002 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB85R1002
Description  Memory FRAM CMOS 1 M Bit (64 K 횞 16)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85R1002 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB85R1002 Datasheet HTML 5Page - Fujitsu Component Limited. MB85R1002 Datasheet HTML 6Page - Fujitsu Component Limited. MB85R1002 Datasheet HTML 7Page - Fujitsu Component Limited. MB85R1002 Datasheet HTML 8Page - Fujitsu Component Limited. MB85R1002 Datasheet HTML 9Page - Fujitsu Component Limited. MB85R1002 Datasheet HTML 10Page - Fujitsu Component Limited. MB85R1002 Datasheet HTML 11Page - Fujitsu Component Limited. MB85R1002 Datasheet HTML 12Page - Fujitsu Component Limited. MB85R1002 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MB85R1002
DS05-13104-5E
9
(2) Write Operation
(within recommended operating conditions)
3.
Pin Capacitance
Parameter
Symbol
Value
Unit
Min
Max
Write Cycle Time
tWC
150
ns
CE1 Active Time
tCA1
120
ns
CE2 Active Time
tCA2
120
ns
LB, UB Active Time
tBP
120
ns
Pre-Charge Time
tPC
20
ns
Address Setup Time
tAS
0
ns
Address Hold Time
tAH
50
ns
LB, UB Setup Time
tBS
5
ns
Write Pulse Width
tWP
120
ns
Data Setup Time
tDS
0
ns
Data Hold Time
tDH
50
ns
Write Setup Time
tWS
0
ns
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input Capacitance
CIN
VIN
= VOUT = GND
f
= 1 MHz, TA = + 25 oC
⎯⎯
10
pF
Output Capacitance
COUT
⎯⎯
10
pF


Similar Part No. - MB85R1002

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002 Datasheet
157Kb / 12P
   Memory FRAM
MB85R1002 FUJITSU-MB85R1002 Datasheet
367Kb / 15P
   Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85R1002A FUJITSU-MB85R1002A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K x 16)
MB85R1002A FUJITSU-MB85R1002A Datasheet
142Kb / 16P
   1 M Bit (64 K 횞 16)
MB85R1002ANC-GE1 FUJITSU-MB85R1002ANC-GE1 Datasheet
142Kb / 16P
   1 M Bit (64 K 횞 16)
More results

Similar Description - MB85R1002

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002_07 Datasheet
367Kb / 15P
   Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85R1002A FUJITSU-MB85R1002A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K x 16)
MB85R2002 FUJITSU-MB85R2002 Datasheet
302Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2002 FUJITSU-MB85R2002_09 Datasheet
98Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R1001 FUJITSU-MB85R1001_09 Datasheet
94Kb / 12P
   Memory FRAM CMOS 1 M Bit (128 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R1002A_1107 FUJITSU-MB85R1002A_1107 Datasheet
142Kb / 16P
   1 M Bit (64 K 횞 16)
MB85R1002ANC-GE1 FUJITSU-MB85R1002ANC-GE1 Datasheet
142Kb / 16P
   1 M Bit (64 K 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com