Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2054-3.0VCTTR Datasheet(PDF) 3 Page - Microchip Technology

Part # TC2054-3.0VCTTR
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2054-3.0VCTTR Datasheet(HTML) 3 Page - Microchip Technology

  TC2054-3.0VCTTR Datasheet HTML 1Page - Microchip Technology TC2054-3.0VCTTR Datasheet HTML 2Page - Microchip Technology TC2054-3.0VCTTR Datasheet HTML 3Page - Microchip Technology TC2054-3.0VCTTR Datasheet HTML 4Page - Microchip Technology TC2054-3.0VCTTR Datasheet HTML 5Page - Microchip Technology TC2054-3.0VCTTR Datasheet HTML 6Page - Microchip Technology TC2054-3.0VCTTR Datasheet HTML 7Page - Microchip Technology TC2054-3.0VCTTR Datasheet HTML 8Page - Microchip Technology TC2054-3.0VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2009 Microchip Technology Inc.
DS21663D-page 3
TC2054/2055/2186
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ......................................................... 6.5V
Output Voltage ............................... (-0.3) to (VIN + 0.3)
Operating Temperature .................. -40°C < TJ< 125°C
Storage Temperature ......................... -65°C to +150°C
Maximum Voltage on Any Pin ........ VIN +0.3V to -0.3V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods my
affect device reliability.
ELECTRICAL SPECIFICATIONS
Electrical Specifications: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
BOLDFACE type specifications apply for junction temperature of -40°C to +125°C.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.7
6.0
V
Note 1
Maximum Output Current
IOUTMAX
50
mA
TC2054
100
TC2055
150
TC2186
Output Voltage
VOUT
VR - 2.0% VR ± 0.4% VR + 2.0%
V
Note 2
VOUT Temperature
Coefficient
TCVOUT
20
ppm/°C Note 3
—40
Line Regulation
ΔV
OUT/
ΔV
IN
0.05
0.5
%
(VR + 1V) < VIN < 6V
Load Regulation
ΔV
OUT/
VOUT
-1.0
0.33
+1.0
%
TC2054;TC2055 IL = 0.1 mA to IOUTMAX
-2.0
0.43
+2.0
TC2186
IL = 0.1 mA to IOUTMAX
Note 6
Dropout Voltage, Note 7
VIN – VOUT
—2
mV
IL = 100 µA
—45
70
IL = 50 mA
90
140
TC2015; TC2185 IL = 100 mA
140
210
TC2185
IL = 150 mA
Note 7
Supply Current
IIN
55
80
µA
SHDN = VIH, IL=0
Shutdown Supply Current
IINSD
0.05
0.5
µA
SHDN = 0V
Power Supply Rejection
Ratio
PSRR
50
dB
FRE ≤ 100 kHz
Output Short Circuit Current
IOUT
SC
160
300
mA
VOUT = 0V
Note
1:
The minimum VIN has to meet two conditions: VIN = 2.7V and VIN = VR + VDROPOUT.
2:
VR is the regulator output voltage setting. For example: VR = 1.8V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V.
3:
TCVOUT =
4:
5:
6:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested
over a load range from 1.0 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
7:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value at a 1V differential.
8:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to IMAX at VIN = 6V for T = 10 ms.
9:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction tem-
perature and the thermal resistance from junction-to-air (i.e. TA, TJ, θJA).
10: Hysteresis voltage is referenced by VR.
11: Time required for VOUT to reach 95% of VR (output voltage setting), after VSHDN is switched from 0 to VIN.
V
OUTMAX
V
OUTMIN
() 10
6
×
V
OUT
ΔT
×
-----------------------------------------------------------------------------------------


Similar Part No. - TC2054-3.0VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
More results

Similar Description - TC2054-3.0VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com