Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP618T Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP618T
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP618T Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP618T Datasheet HTML 5Page - Microchip Technology MCP618T Datasheet HTML 6Page - Microchip Technology MCP618T Datasheet HTML 7Page - Microchip Technology MCP618T Datasheet HTML 8Page - Microchip Technology MCP618T Datasheet HTML 9Page - Microchip Technology MCP618T Datasheet HTML 10Page - Microchip Technology MCP618T Datasheet HTML 11Page - Microchip Technology MCP618T Datasheet HTML 12Page - Microchip Technology MCP618T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 9
MCP616/7/8/9
Note:
Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS = GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL =100 kΩ to VDD/2 and CL =60pF.
FIGURE 2-13:
Output Short Circuit Current
vs. Ambient Temperature.
FIGURE 2-14:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-15:
Input Bias, Offset Currents
vs. Common Mode Input Voltage.
FIGURE 2-16:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-17:
Input Offset Voltage vs.
Common Mode Input Voltage.
FIGURE 2-18:
Input Offset Voltage vs.
Output Voltage.
0
5
10
15
20
25
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
ISC+
VDD = 5.5V
VDD = 2.3V
| ISC– |
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
VDD = 5.0V
Low-to-High Transition
High-to-Low Transition
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
Common Mode Input Voltage (V)
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
VDD = 5.5V
TA = +85°C
TA = +25°C
TA = -40°C
IOS
IB
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
GBWP
PM
-100
-80
-60
-40
-20
0
20
40
60
80
100
Common Mode Input Voltage (V)
VDD = 5.5V
TA = +85°C
TA = +25°C
TA = -40°C
-50
-40
-30
-20
-10
0
10
20
30
40
50
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
VDD = 5.5V
VDD = 2.3V
RL = 25 kŸ


Similar Part No. - MCP618T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP618 MICROCHIP-MCP618 Datasheet
580Kb / 36P
   2.3V TO 5.5V MICROPOWER BI - CMOS OP AMPS
2001
MCP618 MICROCHIP-MCP618 Datasheet
522Kb / 30P
   2.3V to 5.5V Micropower Bi-CMOS Op Amps
2005
More results

Similar Description - MCP618T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP616 MICROCHIP-MCP616_05 Datasheet
522Kb / 30P
   2.3V to 5.5V Micropower Bi-CMOS Op Amps
2005
MCP616 MICROCHIP-MCP616 Datasheet
580Kb / 36P
   2.3V TO 5.5V MICROPOWER BI - CMOS OP AMPS
2001
MCP606 MICROCHIP-MCP606_05 Datasheet
510Kb / 30P
   2.5V TO 5.5V MICROPOWER CMOS OP AMPS
2005
MCP606 MICROCHIP-MCP606 Datasheet
709Kb / 36P
   2.5V TO 5.5V MICROPOWER CMOS OP AMPS
06/01/01
MCP601 MICROCHIP-MCP601 Datasheet
448Kb / 20P
   2.7V to 5.5V Single Supply CMOS Op Amps
2007
MCP601 MICROCHIP-MCP601_04 Datasheet
585Kb / 28P
   2.7V to 5.5V Single-Supply CMOS Op Amps
2004
logo
Maxim Integrated Produc...
MAX6078EVKIT MAXIM-MAX6078EVKIT Datasheet
589Kb / 6P
   2.3V to 5.5V Input Supply Range
Rev 0; 6/19
logo
Microchip Technology
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
   2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
   2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
   2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com