Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE210M Datasheet(PDF) 3 Page - Cirrus Logic

Part # VRE210M
Description  Precision Voltage Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE210M Datasheet(HTML) 3 Page - Cirrus Logic

  VRE210M Datasheet HTML 1Page - Cirrus Logic VRE210M Datasheet HTML 2Page - Cirrus Logic VRE210M Datasheet HTML 3Page - Cirrus Logic VRE210M Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE210
VRE210DS
3
Temperature oC
VRE210C
VOUT vs. TEMPERATURE
Temperature oC
VRE210CA
VOUT vs. TEMPERATURE
QUIESCENT CURRENT VS. TEMP
Temperature oC
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
Output Current (mA)
PSRR VS. FREQUENCY
Frequency (Hz)
Temperature oC
VRE210M
VOUT vs. TEMPERATURE
Temperature oC
VRE210MA
VOUT vs. TEMPERATURE
2. TYPICal PERFORMaNCE CuRVES
3. THEORY OF OPERaTION
The following discussion refers to the block diagram in Figure 1. In operation, approximately 6.3 volts is applied to
the noninverting input of the op amp. The voltage is amplified by the op amp to produce a 10 V output. The gain is
determined by the networks R1 and R2: G=1 + R2/R1. The 6.3V zener diode is used because it is the most stable
diode over time and temperature.
The zener operating current is derived from the regulated output voltage through R3. This feedback arrangement
provides a closely regulated zener current. This current determines the slope of the references’ voltage vs. tempera-
ture function. By trimming the zener current a lower drift over temperature can be achieved. But since the voltage
vs. temperature function is nonlinear this compensation technique is not well suited for wide temperature ranges.
A nonlinear compensation network of thermistors and resistors that is used in the VRE series voltage references.
This proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By then adjust-
ing the slope, Thaler Corporation produces a very stable voltage over wide temperature ranges. This network is less
than 2% of the overall network resistance so it has a negligible effect on long term stability. By using highly stable
resistors in our network, we produce a voltage reference that also has very good long term stability.


Similar Part No. - VRE210M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE210M ETC2-VRE210M Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
logo
Cirrus Logic
VRE210M CIRRUS-VRE210M Datasheet
375Kb / 4P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE210MA ETC2-VRE210MA Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
logo
Cirrus Logic
VRE210MA CIRRUS-VRE210MA Datasheet
375Kb / 4P
   Precision Voltage Reference
More results

Similar Description - VRE210M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
   Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com