Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE205 Datasheet(PDF) 1 Page - Cirrus Logic

Part # VRE205
Description  Precision Voltage Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE205 Datasheet(HTML) 1 Page - Cirrus Logic

  VRE205 Datasheet HTML 1Page - Cirrus Logic VRE205 Datasheet HTML 2Page - Cirrus Logic VRE205 Datasheet HTML 3Page - Cirrus Logic VRE205 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE205
VRE205DS
1
DESCRIPTION
VRE205 Series Precision Voltage References provides
ultrastable ±5 V outputs with ±0.4 mV initial accuracy
and temperature coefficient as low as 0.6 ppm/°C over
the full military temperature range. This improvement
in accuracy is made possible by a unique, proprietary
multipoint laser compensation technique. Significant
improvements have been made in other performance
parameters as well, including initial accuracy, warm-up
drift, line regulation, and longterm stability, making the
VRE205 series the most accurate and stable 5 V refer-
ences available.
VRE205 series devices are available in two operat-
ing temperature ranges, -25°C to +85°C and -55°C
to +125°C, and two performance grades. All devices
are packaged in 20-terminal ceramic LCC packages
for maximum long-term stability. “M” versions are
screened for high reliability and quality.
FEaTuRES
♦ Very High Accuracy: ±5 V Output, ±0.4 mV
♦ Extremely Low Drift: 0.6 ppm/°C (-55°C to
+125°C)
♦ Excellent Stability: 6 ppm/1000 Hrs. Typical
♦ Excellent Line Regulation: 6 ppm/V Typical
♦ Wide Supply Range: ±13.5 V to ±22 V
♦ Hermetic 20-terminal Ceramic LCC
♦ Military Processing Option
aPPlICaTIONS
♦ Precision A/D and D/A Converters
♦ Transducer Excitation
♦ Accurate Comparator Threshold Reference
♦ High Resolution Servo Systems
♦ Digital Voltmeters
♦ High Precision Test and Measurement Instru-
ments
11
Figure 1. BlOCK DIaGRaM
Model
Output (V)
Temperature
Operating Range
Volt Deviation (Max)
VRE205C
VRE205CA
±5V
±5V
-25°C to +85°C
-25°C to +85°C
0.4mV
0.2mV
VRE205M
VRE205MA
±5V
±5V
-55°C to +125°C
-55°C to +125°C
0.6mV
0.3mV
SElECTION GuIDE
20-terminal Ceramic lCC
Package Style HD
Precision Voltage Reference
VRE205
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
Jul 2009
APEX − VRE205DSREVG


Similar Part No. - VRE205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE205 ETC1-VRE205 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE205 ETC2-VRE205 Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
logo
Cirrus Logic
VRE205 CIRRUS-VRE205 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE205C ETC1-VRE205C Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE205C ETC2-VRE205C Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
More results

Similar Description - VRE205

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
   Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com