Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB50 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PB50
Description  Power Booster Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PB50 Datasheet(HTML) 4 Page - Cirrus Logic

  PB50 Datasheet HTML 1Page - Cirrus Logic PB50 Datasheet HTML 2Page - Cirrus Logic PB50 Datasheet HTML 3Page - Cirrus Logic PB50 Datasheet HTML 4Page - Cirrus Logic PB50 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PB50
4
PB50U
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.Cirrus.com for design tools that help
automate tasks such as calculations for stability, internal power
dissipation, current limit; heat sink selection; Apex Precision
Power’s completeApplication Notes library;Technical Seminar
Workbook; and Evaluation Kits.
CURRENTLIMIT
For proper operation, the current limit resistor (R
CL) must be
connected as shown in the external connection diagram. The
minimum value is 0.27Ω with a maximum practical value of
47Ω. For optimum reliability the resistor value should be set
as high as possible. The value is calculated as follows: +I
L=
.65/R
CL + .010, –IL = .65/RCL.
SAFEOPERATINGAREA(SOA)
NOTE:The output stage is protected against transient flyback.
However, for protection against sustained, high energy flyback,
external fast-recovery diodes should be used.
COMPOSITEAMPLIFIERCONSIDERATIONS
Cascading two amplifiers within a feedback loop has many
advantages, but also requires careful consideration of several
amplifier and system parameters.The most important of these
are gain, stability, slew rate, and output swing of the driver.
Operating the booster amplifier in higher gains results in a
higher slew rate and lower output swing requirement for the
driver, but makes stability more difficult to achieve.
GAINSET
R
G = [ (Av-1) • 3.1K] – 6.2K
R
G + 6.2K
Av =
+1
3.1K
The booster’s closed-loop gain is given by the equation
above.The composite amplifier’s closed loop gain is determined
by the feedback network, that is: –Rf/Ri (inverting) or 1+Rf/Ri
(non-inverting). The driver amplifier’s “effective gain” is equal
to the composite gain divided by the booster gain.
Example: Inverting configuration (figure 1) with
R i = 2K, R f = 60K, R g = 0 :
Av (booster) = (6.2K/3.1K) + 1 = 3
Av (composite) = 60K/2K = - 30
Av (driver) = - 30/3 = -10
STABILITY
Stability can be maximized by observing the following
guidelines:
1. Operate the booster in the lowest practical gain.
2. Operate the driver amplifier in the highest practical effective
gain.
3. Keep gain-bandwidth product of the driver lower than the
closed loop bandwidth of the booster.
4. Minimize phase shift within the loop.
A good compromise for (1) and (2) is to set booster gain
from 3 to 10 with total (composite) gain at least a factor of 3
times booster gain. Guideline (3) implies compensating the
driver as required in low composite gain configurations. Phase
shift within the loop (4) is minimized through use of booster
and loop compensation capacitors Cc and Cf when required.
Typical values are 5pF to 33pF.
Stability is the most difficult to achieve in a configuration where
driver effective gain is unity (ie; total gain = booster gain). For
this situation, Table 1 gives compensation values for optimum
square wave response with the op amp drivers listed.
DRIVER
C
CH
C
F
C
C
FPBW SR
OP07
-
22p
22p
4kHz
1.5
741
-
18p
10p
20kHz
7
LF155
-
4.7p
10p
60kHz
>60
LF156
-
4.7p
10p
80kHz
>60
TL070
22p
15p
10p
80kHz
>60
For: R
F = 33K, RI = 3.3K, RG = 22K
Table 1:
Typical values for case where op amp effective gain = 1.
Figure 2. Non-inverting composite amplifier.
SLEWRATE
The slew rate of the composite amplifier is equal to the slew
rate of the driver times the booster gain, with a maximum value
equal to the booster slew rate.
OUTPUTSWING
The maximum output voltage swing required from the driver
op amp is equal to the maximum output swing from the booster
divided by the booster gain. The Vos of the booster must also
be supplied by the driver, and should be subtracted from the
available swing range of the driver. Note also that effects of Vos
drift and booster gain accuracy should be considered when
calculating maximum available driver swing.
10
20
30 40 50
100
200
300
SUPPLY TO OUTPUT DIFFERENTIAL VOLTAGE V
S — VO (V)
1
2
3
.1
STEADY
STATE
T
= 85°C
C
t =
50ms
t =
100ms
STEADY
STATE
T
= 25°C
C
STEADY
STATE
T
= 125°C
C
t = 200ms
SOA
OP
AMP
PB50
C
F
R
F
R
I
+15V
–15V
IN
COM
+Vs
–Vs
R
CL
OUT
C
C
R
G
R
L
V
IN
GAIN
COMP
C
CH


Similar Part No. - PB50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PB50 APEX-PB50 Datasheet
246Kb / 4P
   POWER BOOSTER AMPLIFIER
PB50 APEX-PB50 Datasheet
256Kb / 4P
   POWER BOOSTER AMPLIFIER
logo
RFE international
PB50005 RFE-PB50005 Datasheet
2Mb / 3P
   Bridge Rectifiers
12-14-2022
PB5001 RFE-PB5001 Datasheet
2Mb / 3P
   Bridge Rectifiers
12-14-2022
PB5002 RFE-PB5002 Datasheet
2Mb / 3P
   Bridge Rectifiers
12-14-2022
More results

Similar Description - PB50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PB58 CIRRUS-PB58 Datasheet
210Kb / 5P
   Power Booster Amplifier
PB50 APEX-PB50 Datasheet
246Kb / 4P
   POWER BOOSTER AMPLIFIER
PB51 CIRRUS-PB51 Datasheet
148Kb / 4P
   Power Booster Amplifier
PB50 APEX-PB50_06 Datasheet
256Kb / 4P
   POWER BOOSTER AMPLIFIER
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
   POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
PB58 APEX-PB58 Datasheet
250Kb / 4P
   POWER BOOSTER AMPLIFIERS
logo
Fairchild Semiconductor
KSB817 FAIRCHILD-KSB817 Datasheet
56Kb / 5P
   Audio Power Amplifier Car Booster Output Amplifier DC to DC Converter
logo
Cirrus Logic
EK29 APEX-EK29 Datasheet
249Kb / 3P
   POWER BOOSTER EVALUATION KIT
logo
Motorola, Inc
MC1438R MOTOROLA-MC1438R Datasheet
377Kb / 6P
   OPERATIONAL AMPLIFIERS POWER BOOSTER
logo
Texas Instruments
PT7742-3.3V TI1-PT7742-3.3V Datasheet
392Kb / 3P
[Old version datasheet]   Current Booster
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com