Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSY5M3A131U Datasheet(PDF) 1 Page - OptoSupply International

Part # OSY5M3A131U
Description  Premium Power 10mm Phoenix Yellow LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5M3A131U Datasheet(HTML) 1 Page - OptoSupply International

  OSY5M3A131U Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
Premium Power 10mm Phoenix Yellow L
LE
ED
D
OSY5M3A131U
Features
Outline Dimension
High Luminous LEDs
10mm Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Traffic Signal
Backlighting
Signal And Channel Letter
Other Lighting
Unit:mm
Tolerance:+0.3mm
2.0
5.16
0.7
1.Anode
2.Cathode
12
10
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
15
V
Power Dissipation
PD
216
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
5.4
6.3
7.2
V
DC Reverse Current
IR
VR=15V
-
-
10
µA
Domi Wavelength*
λD
IF=20mA
585
590
595
nm
Luminous Intensity*
Iv
IF=20mA
-
10000
-
mcd
50% Power Angle
1/2
IF=20mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSY5M3A131U

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5M3A131U OPTOSUPPLY-OSY5M3A131U Datasheet
138Kb / 1P
   Premium Power 10mm Round Phoenix Yellow LED
OSY5M3A131U OPTOSUPPLY-OSY5M3A131U_09 Datasheet
138Kb / 1P
   Premium Power 10mm Round Phoenix Yellow LED
More results

Similar Description - OSY5M3A131U

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5M3A131U OPTOSUPPLY-OSY5M3A131U_09 Datasheet
138Kb / 1P
   Premium Power 10mm Round Phoenix Yellow LED
OSR5M3A131U OPTOSUPPLY-OSR5M3A131U Datasheet
80Kb / 1P
   Premium Power 10mm Phoenix Red LED
OSO5M3A131U OPTOSUPPLY-OSO5M3A131U Datasheet
101Kb / 1P
   Premium Power 10mm Phoenix Orange LED
OSY5M3A151R OPTOSUPPLY-OSY5M3A151R Datasheet
97Kb / 1P
   Tpower 10mm Phoenix Yellow LED
OSY5MAA201A OPTOSUPPLY-OSY5MAA201A Datasheet
97Kb / 1P
   10mm Bullet Phoenix Yellow LED
OSY5MAA131A OPTOSUPPLY-OSY5MAA131A_11 Datasheet
160Kb / 1P
   10mm Round Phoenix Yellow LED
OSY5MAA201A OPTOSUPPLY-OSY5MAA201A_09 Datasheet
140Kb / 1P
   10mm Bullet Phoenix Yellow LED
OSY5MAA131A OPTOSUPPLY-OSY5MAA131A Datasheet
97Kb / 1P
   10mm Round Phoenix Yellow LED
OSY5PAA201A OPTOSUPPLY-OSY5PAA201A_09 Datasheet
158Kb / 1P
   10mm Bullet Premium Yellow LED
OSY5PAA131A OPTOSUPPLY-OSY5PAA131A_09 Datasheet
157Kb / 1P
   10mm Round Premium Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com