Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADR-009190-000DIE Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-009190-000DIE
Description  Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-009190-000DIE Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADR-009190-000DIE Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Quad Driver for GaAs FET or PIN Diode
Switches and Attenuators
Rev. V1
MADR-009190-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
DC Characteristics over Guaranteed Operating Range
Symbol
Parameter
Test Conditions
Units
Min.
Typ.
Max.
VIH
Input High Voltage
Guaranteed High Input Voltage
V
2.0
VIL
Input Low Voltage
Guaranteed Low Input Voltage
V
0.8
VOH
Output High Voltage
IOH = -0.5 mA
V
VOPT - 0.1
VOL
Output Low Voltage
IOL = 0.5 mA
V
VEE + 0.1
IIN
Input Leakage Current (per Input)
VIN = VCC or GND, VEE = min,
VCC = max, VOPT = min or max
nA
-250
250
IOH
DC Output Current—High
(per Output)
VCC = 5.0V, VEE = -5.0V,
VOPT = 5.0V
mA
-35
IOL
DC Output Current—Low
(per Output)
VCC = 5.0V, VEE = -5.0V,
VOPT = 5.0V
mA
35
IOH_SPIKE
Peak Spike Output Current
(Rising Edge)
(per Output)
VCC = 5.0V, VEE = -5.0V,
VOPT = 5.0V, CL = 25 pF
mA
35
IOL_SPIKE
Peak Spike Output Current
(Falling Edge)
(per Output)
VCC = 5.0V, VEE = -5.0V,
VOPT = 5.0V, CL = 25 pF
mA
50
ICC
Quiescent Supply Current
VIN = VCC or GND, VEE = -10.5V,
VCC = 5.5V, VOPT = 5.5V,
No Output Load
µA
20
Δ ICC
Additional Supply Current
(per TTL Input pin)
VCC= max, VIN = VCC -2.1V
mA
1.0
IEE
Quiescent Supply Current
VIN = VCC or GND, VEE = -10.5V,
VCC = 5.5V, VOPT = 5.5V,
No Output Load
µA
20
IOPT
Quiescent Supply Current
VIN = VCC or GND, VEE = -10.5V,
VCC = 5.5V, VOPT = 5.5V,
No Output Load
µA
20
RNFET
Output Resistance NFET On
(to VEE)
VCC = 5.0V, VEE = -5.0V,
VOPT = 5.0V, VOUT = -4.9V
+25°C, Note 8
40
RPFET
Output Resistance PFET On
(to VOPT)
VCC = 5.0V, VEE = -5.0V,
VOPT = 5.0V, VOUT = 4.9V
+25°C, Note 8
45
8. See plot of RNFET and RPFET for variations over temperature for driving 4.99k and 82 ohm resistive load. (Note that this corresponds to 1
mA and 33 mA currents at 25°).


Similar Part No. - MADR-009190-000DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-009190-000DIE MA-COM-MADR-009190-000DIE Datasheet
149Kb / 8P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190-000DIE MA-COM-MADR-009190-000DIE Datasheet
203Kb / 8P
   Quad Driver for GaAs FET or PIN Diode
MADR-009190-000DIE MA-COM-MADR-009190-000DIE Datasheet
772Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190-000DIE MA-COM-MADR-009190-000DIE Datasheet
772Kb / 10P
   High Voltage CMOS Technology
More results

Similar Description - MADR-009190-000DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-009443 MA-COM-MADR-009443 Datasheet
677Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190 MA-COM-MADR-009190_15 Datasheet
772Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443-000100 MA-COM-MADR-009443-000100 Datasheet
149Kb / 8P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269-000100 MA-COM-MADR-009269-000100_15 Datasheet
274Kb / 8P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269 MA-COM-MADR-009269 Datasheet
741Kb / 9P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269-000100 MA-COM-MADR-009269-000100 Datasheet
274Kb / 8P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004_15 Datasheet
569Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007_15 Datasheet
608Kb / 5P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
MADRCC0004 MACOM-MADRCC0004 Datasheet
428Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com