Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADR-008888-0001TR Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-008888-0001TR
Description  PIN Diode Driver for Series / Series High Power Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-008888-0001TR Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MADR-008888-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-008888-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-008888-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-008888-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-008888-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PIN Diode Driver for Series / Series High Power Switch
Rev. 5
MADR-008888-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Driver and SPDT Schematic with +5V & +28V DC Power
7,8,9,10,11,12,13,14
7.
Forward Bias Diode Voltage:
Vf is 0.9V @ 22 mA; Vf is 1.0V @ 35 mA
8.
For 22 mA load current, R1 = 180 Ω @ VCC = 5.0V and 105 Ω @ VCC = 3.3V. For 35 mA load cur-
rent, R1 = 110 Ω @ VCC = 5.0V and 165 Ω @ VCC= 3.3V. Nominal power dissipation in the 180 Ω
and 110 Ω resistors are 87 mW and 135 mW.
9.
Reverse Bias is ~ 27V (This is the 28V supply minus approximately 1V on the diode).
10. M/A-COM PIN Diode Driver, MADR-008888-0001TR is recommended for usage with the MASW-
000823-12770T SPDT Switch.
11. The voltage at the common anode will be approximately 1.0V.
12. The current in through the back-biased diodes will be the leakage current for the diodes
13. C1-C5, L1-L3, R1, and the switch are discrete components that should be installed on the user’s
board. It is recommended that Coilcraft 0603CS-27NXJLW or equivalent be used for L1-L3 at 2 GHz
(values may vary based on the frequency).
14. There are 33 pF bypass capacitors included in the driver for the RX and TX ports. There are cases,
especially at higher frequencies, where the optional 12 pF bypass capacitors that are shown on the
schematic are needed.
C2
100 pF
100V
L3
27 nH
RX
C4
100 pF
C1
100 pF
100V
L2
27 nH
Cbypass
12 pF
TX
ANT
SPDT
L1
27 nH
C3
100 pF
C5
100 pF
R1
See Note 8
+5V
Cbypass
12 pF
+5V
+28V
Ground
Logic
Input
MADR-008888-000100
Switch Driver


Similar Part No. - MADR-008888-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-008888-0001TR MA-COM-MADR-008888-0001TR Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
More results

Similar Description - MADR-008888-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-008888-000100 MA-COM-MADR-008888-000100 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100_V5 MA-COM-MADR-008888-000100_V5 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100 MA-COM-MADR-008888-000100_15 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008851-000100 MA-COM-MADR-008851-000100 Datasheet
109Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
MADR-008851-000100 MA-COM-MADR-008851-000100 Datasheet
224Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
MADR-008851-000100 MA-COM-MADR-008851-000100_15 Datasheet
224Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
logo
Skyworks Solutions Inc.
SMP1325-085LF SKYWORKS-SMP1325-085LF Datasheet
560Kb / 7P
   Surface-Mount PIN Diode for High-Power Switch Applications
SMP1304-085LF SKYWORKS-SMP1304-085LF Datasheet
366Kb / 9P
   Surface Mount PIN Diode for High Power Switch Applications
June 13, 2013
logo
M/A-COM Technology Solu...
MADR-010574 MA-COM-MADR-010574_15 Datasheet
1Mb / 8P
   20V to 250V Driver for High Power PIN Diode Switches
MADR-010574 MA-COM-MADR-010574 Datasheet
1Mb / 8P
   20V to 250V Driver for High Power PIN Diode Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com