Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-009711-ETK2MM Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-009711-ETK2MM
Description  E-Series RF 1:4 Transmission Line Step-up Transformer 2-1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-009711-ETK2MM Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-009711-ETK2MM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-009711-ETK2MM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
E-Series RF 1:4 Transmission Line Step-up Transformer
2-1000 MHz
M/A-COM Products
Advanced - Rev. V1
MABA-009711-ETK2MM
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
1:4 Impedance Ratio
Surface Mount
Wide frequency range
Tape and reel packaging available
260°C Reflow Compatible
RoHS* compliant
Description
M/A-COM’s MABA-009711-ETK2MM is a RoHS compliant 1:4
RF transmission line transformer in a low cost, surface mount
package. The windings of the MABA-009711-ETK2MM are
welded to the package substrate for improved reliability and to
eliminate lead content. Ideally suited for high volume cellular
and wireless application. Parts are packaged in tape & reel.
Product Image
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
240 mA
2
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
1. Exceeding any one or combination of these limits may cause perma-
nent damage to this device.
2. M/A-COM does not recommend sustained operation near these surviv-
ability limits.
Ordering Information
Part Number
Package
MABA-009711-ETK2MM
Tape and Reel (2000 piece Reel)
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
-
2.0 - 1000
MHz
-
-
-
Insertion Loss
-
3.0 - 500
2.0 - 700
2.0 - 1000
dB
dB
dB
-
-
-
0.7
-
-
1.0
2.0
3.0
Amplitude Unbalance
-
2.0 - 1000
dB
-
-
0.3
Phase Unbalance
-
2.0 - 1000
Degrees
-
-
10
Input Return Loss
-
0.1 - 200
dB
28
15
8
Schematic
Pin Configuration
Pin No.
Function
1
Secondary Dot
2
Secondary CT
3
Secondary
4
Primary
5
Primary Dot


Similar Part No. - MABA-009711-ETK2MM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM_15 Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
More results

Similar Description - MABA-009711-ETK2MM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007569-ETK42T MA-COM-MABA-007569-ETK42T Datasheet
66Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 2-1000 MHz
MABA-008639-TC41T7 MA-COM-MABA-008639-TC41T7 Datasheet
65Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 6 -1000 MHz
ETK4-2T MA-COM-ETK4-2T Datasheet
118Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 2.0 - 1000 MHz
logo
Tyco Electronics
ETC4-1T-7 MACOM-ETC4-1T-7_1 Datasheet
136Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 6 - 1000 MHz
ETK4-2T MACOM-ETK4-2T Datasheet
92Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
M/A-COM Technology Solu...
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM_15 Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007569-ETK42T MA-COM-MABA-007569-ETK42T_15 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423 MA-COM-MABA-007236-C16423 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007569-ETK42T-V2 MA-COM-MABA-007569-ETK42T-V2 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com