Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-009487-60HWCA Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-009487-60HWCA
Description  E-Series RF 1:1 Transformer 0.4-500MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-009487-60HWCA Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-009487-60HWCA Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-009487-60HWCA Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
E-Series RF 1:1 Transformer
0.4-500MHz
MABA-009487-60HWCA
M/A-COM Products
Rev. V4
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Surface Mount
1:1 Impedance Ratio
CT on Secondary
RoHS* Compliant 1:1 transformer
• Tape and reel packaging available
Description
M/A-COM’s MABA-009487-60HWCA is a RoHS
compliant 1:1 RF flux coupled transformer in a low
cost, surface mount package. Ideally suited for high
volume cellular and wireless applications. Typical
applications
include
single
to
balanced
mode
conversion and impedance matching. The MABA-
009487-60HWCA transformer is is designed to be
utilized in both standard reflow and high temperature
soldering reflow profiles.
Ordering Information
Part Number
Package
MABA-009487-60HWCA
Tape and Reel (2000 piece reels)
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
0.4 - 500
MHz
Insertion Loss
0.4 - 200
200 - 400
400 - 500
dB
dB
dB
0.2
1.2
2.3
0.6
2
3
Amplitude Imbalance
0.4 - 500
dB
0.5
2
Phase Imbalance
0.4 - 500
Degrees
1
3
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Pin No.
Function
1
Secondary
2
Secondary CT
3
Secondary Dot
4
Primary Dot
5
Primary
Absolute Maximum Ratings
1
,2
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
240 mA
2
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Schematic
Primary Dot 4
3 Secondary Dot
2 Secondary CT
1 Secondary
Primary 5
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. The maximum DC current applies to the secondary center tap
in applications where the secondary is balanced.
Product Image
Input Return Loss
2 - 100
0.4 - 200
200 - 500
dB
dB
dB
26
20
10
20
13
9


Similar Part No. - MABA-009487-60HWCA

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009487-60HWCA MA-COM-MABA-009487-60HWCA Datasheet
114Kb / 2P
   E-Series RF 1:1 Transformer
MABA-009487-60HWCA MA-COM-MABA-009487-60HWCA_15 Datasheet
578Kb / 4P
   E-Series Transformer, RF 1:1
More results

Similar Description - MABA-009487-60HWCA

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009180-500MHZ MA-COM-MABA-009180-500MHZ Datasheet
96Kb / 3P
   E-Series RF 1:1 Transformer 0.4-500 MHz
ETC1-1-6 MA-COM-ETC1-1-6 Datasheet
218Kb / 2P
   E-Series RF 1:1 Transformer
DS-ETC1-1T-5 MA-COM-DS-ETC1-1T-5 Datasheet
229Kb / 2P
   E-Series RF 1:1 Transformer
MABA-009126-ET11SM-V2 MA-COM-MABA-009126-ET11SM-V2 Datasheet
666Kb / 2P
   E-Series RF 1:1 Transformer
MABA-009487-60HWCA MA-COM-MABA-009487-60HWCA_15 Datasheet
578Kb / 4P
   E-Series Transformer, RF 1:1
MABA-009180-500MHZ MA-COM-MABA-009180-500MHZ Datasheet
96Kb / 3P
   E-Series RF 1:1 Transformer
ETC1-1T-2TR MA-COM-ETC1-1T-2TR Datasheet
362Kb / 4P
   E-Series RF 1:1 Transformer
ETC1-1T-75 MA-COM-ETC1-1T-75 Datasheet
81Kb / 1P
   E-Series RF 1:1 Transformer
ETN1-1-13 MA-COM-ETN1-1-13 Datasheet
50Kb / 2P
   E-Series RF 1:1 Transformer
ETC1-1T-2TR MA-COM-ETC1-1T-2TR_16 Datasheet
1Mb / 5P
   E-Series RF 1:1 Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com