Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-009484-ETC31T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-009484-ETC31T
Description  E-Series RF 3:1 Transformer 2-500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-009484-ETC31T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-009484-ETC31T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-009484-ETC31T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
E-Series RF 1:3 Transformer
2-500 MHz
MABA-009484-ETC31T
Rev. V3
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 1:3 Impedance Ratio
 Surface Mount
 Tape and reel packaging available
 260°C Reflow Compatible
 RoHS* compliant
Description
M/A-COM’s MABA-009484-ETC31T is a RoHS Compliant 1:3
RF flux coupled transformer in a low cost, surface mount
package. Typical applications include single to balanced
mode conversion.
The MABA-009484-ETC31T is available in a SM-22 surface
mount package and is designed to be utilized in both RoHS
and standard reflow profiles. Parts are packaged in tape &
reel.
Product Image
Schematic
Pin Configuration
Pin No.
Function
1
Secondary Dot
2
Secondary CT
3
Secondary
4
Primary
5
Primary Dot
SM –22 Package
 Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MABA-009484-ETC31T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009484-ETC31T_V3 MA-COM-MABA-009484-ETC31T_V3 Datasheet
259Kb / 4P
   E-Series RF 1:3 Transformer
More results

Similar Description - MABA-009484-ETC31T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETC1-1T-5 MA-COM-ETC1-1T-5 Datasheet
84Kb / 2P
   E-Series RF 1:1 Transformer 2- 500 MHz
logo
Tyco Electronics
ETC1-1T-5 MACOM-ETC1-1T-5 Datasheet
50Kb / 2P
   E-Series RF 1:1 Transformer 2- 500 MHz
ETC1-1T-5 MACOM-ETC1-1T-5_1 Datasheet
59Kb / 2P
   E-Series 1:1 Transformer 2 - 500 MHz
logo
M/A-COM Technology Solu...
MABA-009180-500MHZ MA-COM-MABA-009180-500MHZ Datasheet
96Kb / 3P
   E-Series RF 1:1 Transformer 0.4-500 MHz
MABA-009250-CT0068 MA-COM-MABA-009250-CT0068 Datasheet
82Kb / 2P
   E-Series RF 2:1 Transformer 3-300 MHz
logo
Tyco Electronics
ETC1-1T-2 MACOM-ETC1-1T-2 Datasheet
58Kb / 2P
   E-Series RF 1:1 Transformer 0.05 - 3 MHz
ETC2-1T-2 MACOM-ETC2-1T-2 Datasheet
35Kb / 1P
   E-Series RF 2:1 Transformer 50 - 1000 MHz
ETC3-1T MACOM-ETC3-1T Datasheet
35Kb / 1P
   E-Series RF 3:1 Transformer 0.2 - 250 MHz
logo
M/A-COM Technology Solu...
ETC3-1 MA-COM-ETC3-1 Datasheet
81Kb / 1P
   E-Series RF 3:1 Transformer 10 - 440 MHz
MABA-009488-61HWCA MA-COM-MABA-009488-61HWCA Datasheet
107Kb / 2P
   E-Series RF 1:4 Transformer 3-800 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com