Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-009180-500MHZ Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-009180-500MHZ
Description  E-Series RF 1:1 Transformer 0.4-500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-009180-500MHZ Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-009180-500MHZ Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-009180-500MHZ Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-009180-500MHZ Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MABA-009180-500MHZ
V2
1
MABA-009180-500MHZ
E-Series RF 1:1 Transformer
0.4-500 MHz
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Surface Mount
1:1 Impedance Ratio
CT on Secondary
RoHS* Compliant 1:1 transformer
• Tape and reel packaging available
Description
M/A-COM’s MABA-009180-500MHZ is a RoHS com-
pliant 1:1 RF flux coupled transformer in a low cost,
surface mount package. Ideally suited for high
volume cellular and wireless applications. Typical
applications
include
single
to
balanced
mode
conversion and impedance matching. The MABA-
009180-500MHZ transformer is offered in an
SM-
22 surface mount package and is designed to be
utilized in both standard reflow and high temperature
soldering reflow profiles.
Ordering Information
Part Number
Package
MABA-009180-500MHZ
Tape and Reel (2000 piece reels)
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
0.4 - 500
MHz
Insertion Loss
1-100
0.5 - 300
.4-500
dB
dB
dB
1
2
3
Amplitude Imbalance
1-100
0.5 - 300
dB
dB
0.1
0.6
Phase Imbalance
1-100
0.5 - 300
Degrees
Degrees
2
5
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MABA-009180-500MHZ

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009180-500MHZ MA-COM-MABA-009180-500MHZ Datasheet
96Kb / 3P
   E-Series RF 1:1 Transformer
More results

Similar Description - MABA-009180-500MHZ

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETC1-1T-5 MA-COM-ETC1-1T-5 Datasheet
84Kb / 2P
   E-Series RF 1:1 Transformer 2- 500 MHz
logo
Tyco Electronics
ETC1-1T-5 MACOM-ETC1-1T-5 Datasheet
50Kb / 2P
   E-Series RF 1:1 Transformer 2- 500 MHz
logo
M/A-COM Technology Solu...
MABA-009487-60HWCA MA-COM-MABA-009487-60HWCA Datasheet
114Kb / 2P
   E-Series RF 1:1 Transformer 0.4-500MHz
MABA-009484-ETC31T MA-COM-MABA-009484-ETC31T Datasheet
94Kb / 2P
   E-Series RF 3:1 Transformer 2-500 MHz
logo
Tyco Electronics
ETC1-1T-5 MACOM-ETC1-1T-5_1 Datasheet
59Kb / 2P
   E-Series 1:1 Transformer 2 - 500 MHz
logo
M/A-COM Technology Solu...
ETC1-1T-75 MA-COM-ETC1-1T-75 Datasheet
81Kb / 1P
   E-Series RF 1:1 Transformer 40 - 1000 MHz
logo
Tyco Electronics
ETC1-1-6 MACOM-ETC1-1-6 Datasheet
146Kb / 2P
   E-Series RF 1:1 Transformer 760 - 960 MHz
ETC1-1T-75-1 MACOM-ETC1-1T-75-1 Datasheet
352Kb / 1P
   E-Series RF 1:1 Transformer 5 - 1000 MHz
ETC1-1T-75 MACOM-ETC1-1T-75 Datasheet
29Kb / 1P
   E-Series RF 1:1 Transformer 40 - 1000 MHz
ETC1-1T-2 MACOM-ETC1-1T-2 Datasheet
58Kb / 2P
   E-Series RF 1:1 Transformer 0.05 - 3 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com