Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-008980-CF0290 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-008980-CF0290
Description  Transformer with Tap 0.05 to 1.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-008980-CF0290 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABA-008980-CF0290 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-008980-CF0290 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-008980-CF0290 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transformer with Tap
0.05 to 1.0 GHz
M/A-COM Products
MABA-008980-CF0440
Part Status: V1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: @25ºC, 0dBm, 75 Ohms
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
Parameter
Test Conditions
Units
MAX
Typ.
Min
Insertion Loss 1 & 3
5 – 50 MHz
50 – 550 MHz
550 – 870 MHz
870 – 1000 MHz
dB
dB
dB
dB
-6.0
-7.0
-8.5
-9.0
-5.0
-6.0
-7.0
-7.8
-4.5
-5.0
-6.0
-6.0
Insertion Loss 2 & 4
5 – 50 MHz
50 – 550 MHz
550 – 1000 MHz
dB
dB
dB
-9.5
-8.0
-8.5
-9.0
-7.3
-7.3
-6.0
-6.0
-6.0
Amp Balance
5 – 50 MHz
50 – 870 MHz
870 – 1000 MHz
dB
dB
dB
± 5.0
± 3.0
± 1.5
- 4.0
-1.8
-0.5
-
-
-
Phase Balance
5 – 50 MHz
50 – 300 MHz
300 – 700 MHz
700 – 1000 MHz
Degrees
Degrees
Degrees
Degrees
± 35
± 10
± 20
± 25
30
2
10
15
-
-
-
Ordering Information
Part Number
Package
MABA-008980-CF0290
900 piece reel
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Storage Temperature
-40°C to +85° C
Operating Temperature
-40°C to +85° C
Pin Temperature (10 Seconds)
260° C


Similar Part No. - MABA-008980-CF0290

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-008980-CF0440 MA-COM-MABA-008980-CF0440 Datasheet
94Kb / 3P
   Transformer with Tap
More results

Similar Description - MABA-008980-CF0290

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
M/A-COM Technology Solu...
MABA-008980-CF0440 MA-COM-MABA-008980-CF0440 Datasheet
94Kb / 3P
   Transformer with Tap
logo
Renesas Technology Corp
PG2415T6X RENESAS-PG2415T6X_15 Datasheet
230Kb / 13P
   0.05 to 6.0 GHz SPDT SWIT
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2415T6X CEL-UPG2415T6X_09 Datasheet
434Kb / 10P
   0.05 to 6.0 GHz SPDT SWITCH
UPG2415T6X CEL-UPG2415T6X Datasheet
434Kb / 10P
   0.05 to 6.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
   0.05 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2408TB CEL-UPG2408TB Datasheet
720Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com