Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-008757-CT11TB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-008757-CT11TB
Description  1:1 Transmission Line Transformer 4.5 to 3000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-008757-CT11TB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MABA-008757-CT11TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-008757-CT11TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-008757-CT11TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
1:1 Transmission Line Transformer
4.5 to 3000 MHz
M/A-COM Products
Part Status: ETRR, Rev. V1
MABA-008757-CT1160
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves @ TA = 25°C, Z0 = 50Ω
Insertion Loss 1 (Pin4 - Pin3)
Insertion Loss 2 (Pin4 - Pin1)
-6
-5
-4
-3
-2
-1
0
1
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
130
140
150
160
170
180
190
200
210
220
230
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
Return Loss: Input
Phase Balance
-35
-30
-25
-20
-15
-10
-5
0
5
204
403
602
801
1000
Frequency (MHz)
4.5
4.5
4.5
4.5
4.5
4.5
Amplitude Balance


Similar Part No. - MABA-008757-CT11TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-008757-CT1160 MA-COM-MABA-008757-CT1160 Datasheet
102Kb / 3P
   1:1 Transmission Line Transformer
More results

Similar Description - MABA-008757-CT11TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
   1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0010 MA-COM-MABACT0010 Datasheet
122Kb / 2P
   1:1 Transmission line Transformer 4.5 - 3000 MHz
logo
Tyco Electronics
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
   1:1 Transmission line Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
101Kb / 2P
   RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
logo
Tyco Electronics
MABA-007159-000000 MACOM-MABA-007159-000000 Datasheet
162Kb / 2P
   RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
ETC1-1-13 MACOM-ETC1-1-13 Datasheet
264Kb / 2P
   E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
ETC1-1-13 MA-COM-ETC1-1-13 Datasheet
138Kb / 3P
   E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
logo
Tyco Electronics
MABA-007871-CT1A40 MACOM-MABA-007871-CT1A40 Datasheet
150Kb / 3P
   Transformer 1:1 transmission line balun 5 to 3000 MHz
logo
M/A-COM Technology Solu...
MABA-007871-CT1A40 MA-COM-MABA-007871-CT1A40 Datasheet
129Kb / 3P
   Transformer 1:1 transmission line balun 5 to 3000 MHz
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40 Datasheet
111Kb / 3P
   1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com