Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11L1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # H11L1
Description  6-Pin DIP Optoisolators Logic Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

H11L1 Datasheet(HTML) 2 Page - Motorola, Inc

  H11L1 Datasheet HTML 1Page - Motorola, Inc H11L1 Datasheet HTML 2Page - Motorola, Inc H11L1 Datasheet HTML 3Page - Motorola, Inc H11L1 Datasheet HTML 4Page - Motorola, Inc H11L1 Datasheet HTML 5Page - Motorola, Inc H11L1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
H11L1 H11L2
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
Reverse Leakage Current (VR = 3 V, RL = 1 MΩ)
IR
0.05
10
µA
Forward Voltage (IF = 10 mA)
(IF = 0.3 mA)
VF
0.75
1.2
0.95
1.5
Volts
Capacitance (VR = 0 V, f = 1 MHz)
C
18
pF
OUTPUT DETECTOR
Operating Voltage
VCC
3
15
Volts
Supply Current (IF = 0, VCC = 5 V)
ICC(off)
1
5
mA
Output Current, High (IF = 0, VCC = Vo = 15 V)
IOH
100
µA
COUPLED
Supply Current (IF = IF(on), VCC = 5 V)
ICC(on)
1.6
5
mA
Output Voltage, Low (RL = 270 Ω, VCC = 5 V, IF = IF(on))
VOL
0.2
0.4
Volts
Threshold Current, ON
H11L1
(RL = 270 Ω, VCC = 5 V)
H11L2
IF(on)
1.2
1.6
10
mA
Threshold Current, OFF
H11L1
(RL = 270 Ω, VCC = 5 V)
H11L2
IF(off)
0.3
0.3
0.75
mA
Hysteresis Ratio (RL = 270 Ω, VCC = 5 V)
IF(off)
IF(on)
0.5
0.75
0.9
Isolation Voltage(2) 60 Hz, AC Peak, 1 second, TA = 25°C
VISO
7500
Vac(pk)
Turn–On Time
RL = 270 Ω(3)
VCC = 5 V,
IF = IF(on)
TA = 25°C
ton
1.2
4
µs
Fall Time
RL = 270 Ω(3)
VCC = 5 V,
IF = IF(on)
TA = 25°C
tf
0.1
Turn–Off Time
VCC = 5 V,
IF = IF(on)
TA = 25°C
toff
1.2
4
Rise Time
TA = 25°C
tr
0.1
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. For this test, IRED Pins 1 and 2 are common and Output Gate Pins 4, 5, 6 are common.
3. RL value effect on switching time is negligible.
Vin
tr = tf = 0.01 µs
Z = 50
IF (on)
tr
tf
Figure 1. Switching Test Circuit
toff
ton
Vo
2
1
IF
5
6
4
RL
ICC
270
5 V
VO (OPEN COLLECTOR OUTPUT)


Similar Part No. - H11L1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11L1 QT-H11L1 Datasheet
434Kb / 6P
   MICROPROCESSOR COMPLATIBLE CAAS SCHMITT TRIGGER OPTOCOUPLERS
H11L1 QT-H11L1 Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
List of Unclassifed Man...
H11L1 ETC1-H11L1 Datasheet
62Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
logo
Everlight Electronics C...
H11L1 EVERLIGHT-H11L1 Datasheet
297Kb / 11P
   6 PIN DIP PHOTO COUPLER
logo
ISOCOM COMPONENTS
H11L1 ISOCOM-H11L1 Datasheet
131Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
More results

Similar Description - H11L1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MOC5007 MOTOROLA-MOC5007 Datasheet
292Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
QT Optoelectronics
H11L1D QT-H11L1D Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com