Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM100DY-24A Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM100DY-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100DY-24A Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM100DY-24A_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM100DY-24A_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb. 2009
2
VCE = VCES, VGE = 0V
±VGE = VGES, VCE = 0V
Tj = 25
°C
Tj = 125
°C
VCC = 600V, IC = 100A, VGE = 15V
VCC = 600V, IC = 100A
VGE =
±15V
RG = 3.1
Ω, Inductive load
IE = 100A
IE = 100A, VGE = 0V
IGBT part (1/2 module)*1
FWDi part (1/2 module)*1
Case to heat sink, Thermal compound Applied (1/2 module)*1,*2
Collector cutoff current
Gate-emitter threshold
voltage
Gate leakage current
Collector-emitter saturation
voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Reverse recovery time
Reverse recovery charge
Emitter-collector voltage
Contact thermal resistance
External gate resistance
IC = 10mA, VCE = 10V
IC = 100A, VGE = 15V
VCE = 10V
VGE = 0V
1200
±20
100
200
100
200
672
–40 ~ +150
–40 ~ +125
2500
2.5 ~ 3.5
3.5 ~ 4.5
310
MITSUBISHI IGBT MODULES
CM100DY-24A
HIGH POWER SWITCHING USE
V
V
A
A
W
°C
°C
Vrms
N • m
g
1
0.5
3.0
17.5
1.5
0.34
100
70
400
350
150
3.8
0.186
0.34
42
mA
µA
nF
nC
ns
µC
V
K/W
2.1
2.4
500
5.0
0.022
3.1
7V
V
68
ns
ICES
IGES
Cies
Coes
Cres
QG
td(on)
tr
td(off)
tf
trr (Note 1)
Qrr (Note 1)
VEC(Note 1)
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
RG
Symbol
Parameter
VGE(th)
VCE(sat)
*1 : Case temperature (TC), heat sink temperature (Tf) measured point is just under the chips.
*2 : Typical value is measured by using thermally conductive grease of λ = 0.9[W/(m • K)].
Note 1. IE, VEC, trr & Qrr represent characteristics of the anti-parallel, emitter-collector free-wheel diode (FWDi).
2. Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tjmax rating.
3. Junction temperature (Tj) should not increase beyond 150
°C.
Collector-emitter voltage
Gate-emitter voltage
Maximum collector dissipation
Junction temperature
Storage temperature
Isolation voltage
Weight
G-E Short
C-E Short
DC, TC = 84
°C*1
Pulse
(Note 2)
Pulse
(Note 2)
TC = 25
°C*1
Terminals to base plate, f = 60Hz, AC 1 minute
Main terminals M5 screw
Mounting M6 screw
Typical value
Symbol
Parameter
Collector current
Emitter current
Torque strength
Conditions
Unit
Ratings
VCES
VGES
IC
ICM
IE (Note 1)
IEM (Note 1)
PC (Note 3)
Tj
Tstg
Viso
Unit
Typ.
Limits
Min.
Max.
Test conditions
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise specified)
ABSOLUTE MAXIMUM RATINGS (Tj = 25
°C, unless otherwise specified)
Thermal resistance


Similar Part No. - CM100DY-24A_09

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM100DY-24A POWEREX-CM100DY-24A Datasheet
425Kb / 4P
   Dual IGBTMOD A-Series Module 100 Amperes/1200 Volts
logo
Mitsubishi Electric Sem...
CM100DY-24A MITSUBISHI-CM100DY-24A Datasheet
47Kb / 5P
   HIGH POWER SWITCHING USE
More results

Similar Description - CM100DY-24A_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com