Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM100DU-24F Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM100DU-24F
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100DU-24F Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM100DU-24F_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM100DU-24F_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM100DU-24F_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100DU-24F_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb. 2009
RTC
RTC
CIRCUIT DIAGRAM
C2E1
E2
C1
C2E1
C1
E2
94
16
16
2.5
2.5
25
7
17
23
23
4
12
13.5
80 ±0.25
2–
φ6.5
MOUNTING HOLES
3–M5NUTS
12mm deep
TAB #110. t=0.5
LABEL
Tc measured point
CM100DU-24F
APPLICATION
General purpose inverters & Servo controls, etc
MITSUBISHI IGBT MODULES
CM100DU-24F
HIGH POWER SWITCHING USE
¡IC ...................................................................100A
¡VCES ......................................................... 1200V
¡Insulated Type
¡2-elements in a pack
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm


Similar Part No. - CM100DU-24F_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100DU-24F MITSUBISHI-CM100DU-24F_11 Datasheet
108Kb / 4P
   HIGH POWER SWITCHING USE
More results

Similar Description - CM100DU-24F_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com