Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11AA3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # H11AA3
Description  6-Pin DIP Optoisolators AC Input/Transistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

H11AA3 Datasheet(HTML) 3 Page - Motorola, Inc

  H11AA3 Datasheet HTML 1Page - Motorola, Inc H11AA3 Datasheet HTML 2Page - Motorola, Inc H11AA3 Datasheet HTML 3Page - Motorola, Inc H11AA3 Datasheet HTML 4Page - Motorola, Inc H11AA3 Datasheet HTML 5Page - Motorola, Inc H11AA3 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
H11AA1 H11AA2 H11AA3 H11AA4
3
Motorola Optoelectronics Device Data
Figure 1. Input Voltage versus Input Current
–2.4
–1000
iF, INSTANANEOUS INPUT CURRENT (mA)
–600
–200
0
200
600
1000
–1.6
–0.8
0
0.8
1.6
2.4
PULSE ONLY
PULSE OR DC
Figure 2. Output Characteristics
INPUT CURRENT
WAVEFORM
MAXIMUM
PEAK OUTPUT
CURRENT (1)
MINIMUM
PEAK OUTPUT
CURRENT (1)
TYPICAL CHARACTERISTICS
10
7
5
2
1
0.7
0.5
0.2
0.1
–60
–40
–20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
1
10
100
0.1
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
NORMALIZED TO:
VCE = 10 V
TA = 25°C
VCE = 30 V
10 V
IF = 10 mA
0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
4
8
12
16
20
24
28
5 mA
2 mA
1 mA
0
1
2
3
4
5
6
7
8
9
10
Figure 3. Collector Current versus
Collector–Emitter Voltage
Figure 4. Output Current versus Ambient Temperature
Figure 5. Dark Current versus Ambient Temperature
Figure 6. Capacitances versus Voltage
0
0.01
V, VOLTAGE (VOLTS)
CCE
0.1
1
10
100
2
4
6
8
10
12
14
16
18
20
22
CEB
CCB
f = 1 MHz
CLED
NORMALIZED TO TA = 25°C


Similar Part No. - H11AA3

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11AA3 QT-H11AA3 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Everlight Electronics C...
H11AA3 EVERLIGHT-H11AA3 Datasheet
408Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
logo
ISOCOM COMPONENTS
H11AA3 ISOCOM-H11AA3 Datasheet
368Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Everlight Electronics C...
H11AA3 EVERLIGHT-H11AA3 Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
logo
Fairchild Semiconductor
H11AA3-M FAIRCHILD-H11AA3-M Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
More results

Similar Description - H11AA3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
Motorola, Inc
M4N26 MOTOROLA-M4N26 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MTIL113 MOTOROLA-MTIL113 Datasheet
100Kb / 4P
   6-Pin DIP Optoisolators Darlington Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com