Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAV-007092-0001TR Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAV-007092-0001TR
Description  Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAV-007092-0001TR Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAV-007092-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAV-007092-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAV-007092-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAV-007092-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Voltage Variable Absorptive
Attenuator, 800 - 1000 MHz
Rev. V2
MAAV-007092-000100
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Insertion Loss
Typical VSWR @ +25°C
Attenuation Flatness @ +25°C
Attenuation vs. Bias Current,
Frequency = 1000 MHz
2.5
3.0
3.5
4.0
4.5
800
850
900
950
1000
Frequency (MHz)
+ 25°C
- 4 0 °C
+ 85°C
1
1.2
1.4
1.6
1.8
800
850
900
950
1000
Fre que ncy (MHz )
15 dB
3 0 dB
R ef
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
800
850
900
950
1000
Fre que ncy (MHz )
20 d B
30 d B
10 d B
5 d B
0
6
12
18
24
30
36
42
0
1
23
45
6
7
8
9
10
Bias Current (mA)
+8 5 °C
+ 25°C
-4 0 °C


Similar Part No. - MAAV-007092-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAV-007092-0001TR MACOM-MAAV-007092-0001TR Datasheet
231Kb / 4P
   Voltage Variable Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAV-007092-0001TR MA-COM-MAAV-007092-0001TR Datasheet
736Kb / 5P
   Voltage Variable Absorptive
More results

Similar Description - MAAV-007092-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
Tyco Electronics
MAAVCC0001 MACOM-MAAVCC0001 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAV-007089-000100 MA-COM-MAAV-007089-000100 Datasheet
80Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009_1 Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
MAAV-007089-000100 MACOM-MAAV-007089-000100 Datasheet
214Kb / 4P
   Voltage Variable Attenuator 800 - 1000 MHz
MAAV-007092-000100 MACOM-MAAV-007092-000100 Datasheet
231Kb / 4P
   Voltage Variable Attenuator 800 - 1000 MHz
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0005 MA-COM-MAAVSS0005_15 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com