Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSK5DA5201A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSK5DA5201A
Description  5mm Bullet Pink LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSK5DA5201A Datasheet(HTML) 1 Page - OptoSupply International

  OSK5DA5201A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
5
5m
mm
m B
Bu
ulllle
ett Pink L
LE
ED
D
OSK5DA5201A
Features
Outline Dimension
High Luminous LEDs
5mm Bullet Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
2.54
1
2
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
5.0
5.0
R2
.5
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
-
6500
-
mcd
x
IF=20mA
-
0.45
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.17
-
50% Power Angle
1/2
IF=20mA
-
8
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSK5DA5201A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DA5111A OPTOSUPPLY-OSK5DA5111A Datasheet
99Kb / 1P
   5mm Round Pink LED
OSK5DA5471D OPTOSUPPLY-OSK5DA5471D Datasheet
97Kb / 1P
   5.0x4.1mm Oval Pink LED
OSK5DA56A1A OPTOSUPPLY-OSK5DA56A1A Datasheet
101Kb / 1P
   4.8mm Straw Pink LED
OSK5DA57E1A OPTOSUPPLY-OSK5DA57E1A Datasheet
85Kb / 1P
   5mm Fllatt Pink LED
OSK5DA5J71D OPTOSUPPLY-OSK5DA5J71D Datasheet
100Kb / 1P
   5.2x3.8mm Oval Pink LED
More results

Similar Description - OSK5DA5201A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DK5201A OPTOSUPPLY-OSK5DK5201A Datasheet
137Kb / 1P
   5mm Bullet Pink LED
OSK5DL5201A OPTOSUPPLY-OSK5DL5201A Datasheet
97Kb / 1P
   5mm Bullet Pink LED
OSK5DAA201A OPTOSUPPLY-OSK5DAA201A Datasheet
96Kb / 1P
   10mm Bullet Pink LED
OSK5DKA201A OPTOSUPPLY-OSK5DKA201A Datasheet
137Kb / 1P
   10mm Bullet Pink LED
OSK5DLA201A OPTOSUPPLY-OSK5DLA201A Datasheet
96Kb / 1P
   10mm Bullet Pink LED
OSXXDK6231A OPTOSUPPLY-OSXXDK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
OSW4DK6231A OPTOSUPPLY-OSW4DK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
OSK5DK5MC1B OPTOSUPPLY-OSK5DK5MC1B Datasheet
137Kb / 1P
   5mm Concave Pink LED
OSK5DK57E1A OPTOSUPPLY-OSK5DK57E1A Datasheet
136Kb / 1P
   5mm Flat Pink LED
OSK5D35141R OPTOSUPPLY-OSK5D35141R Datasheet
96Kb / 1P
   Tpower 5mm Pink LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com