Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAD-007086-0001TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007086-0001TR
Description  Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007086-0001TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007086-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Digital Attenuator
50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Rev. V3
MAAD-007086-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 2.0 GHz
dB
4.2
4.7
Attenuation Accuracy
Individual Bits 1-2-4-8-16-32 dB
Any Combination of Bits 3 to 15 dB
Any Combination of Bits 17 to 31 dB
Any Combination of Bits 32 to 50 dB
DC - 2.0 GHz
DC - 2.0 GHz
DC - 2.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
±(.3 +3% of atten setting)
±(.5 +5% of atten setting)
±(.3 +3% of atten setting)
±(.5 +7% of atten setting)
VSWR
Full Range
DC - 2.0 GHz
Ratio
1.8:1
2:1
Switching Speed1
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
ns
ns
75
20
150
50
1 dB Compression
50 MHz
0.5 - 2.0 GHz
dBm
dBm
+21
+24
Input IP3
Two-tone inputs up to +5 dBm
@ 0 dB Attenuation
50 MHz
0.5-2.0 GHz
dB
dB
+35
+48
Vcc
Vee
V
V
4.75
-8.0
5.0
-5.0
5.25
-4.75
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1.0
1.0
Thermal Resistance θJA
PCB mount on FR4 material, copper
trace, still air at +25°C
°C/W
60-80
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.0
IEE
VEE min to max, Vin = VIL or VIH
mA
-1.0
-0.2
1. Decoupling capacitors (.01µF) are required on power supply lines.
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin4
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. Standard CMOS TTL interface, latch-up will occur if logic sig-
nal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - MAAD-007086-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007086-0001TR MACOM-MAAD-007086-0001TR Datasheet
260Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007086-0001TR MA-COM-MAAD-007086-0001TR Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-007086-0001TR MA-COM-MAAD-007086-0001TR Datasheet
719Kb / 7P
   Test Boards are Available
More results

Similar Description - MAAD-007086-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0106 MACOM-AT65-0106 Datasheet
271Kb / 5P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0106 MA-COM-AT65-0106 Datasheet
142Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0107 MACOM-AT65-0107 Datasheet
301Kb / 5P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0106 MA-COM-AT20-0106 Datasheet
134Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0107 MA-COM-AT20-0107 Datasheet
172Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MA-COM-AT-107-PIN_15 Datasheet
636Kb / 5P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com