Part Name
         Description
MAAD-007080-001TR

 Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz ( 7 Page)


MA-COM
100% 
Zoom Out Zoom In
   
 1 page
background image
Digital Attenuator
50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
Rev. V4
MAAD-007080-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Attenuation: 1 dB Steps to 50 dB
• Single Positive Supply
• Contains Internal DC to DC Converter
• Low DC Power Consumption
• Small Footprint, JEDEC Package
• Integral TTL Driver
• 50 ohm Impedance
• Lead-Free CSP-1 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT90-1106
Description
M/A-COM's MAAD-007080-000100 is a GaAs FET
6-bit digital attenuator with integral TTL driver. Step
size is 1 dB providing a 50 dB total attenuation
range. This device is in a PQFN plastic surface
mount package. MAAD-007080-000100 is ideally
suited for use where accuracy, fast speed, very low
power consumption and low costs are required. For
dual supply designs without switching noise, use
MAAD-007082-000100.
Ordering Information
Part Number
Package
MAAD-007080-00100
Bulk Packaging
MAAD-007080-001TR
1000 piece reel
MAAD-0007080-001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
1
Pin No.
Function
Pin No.
Function
1
C16
17
NC
2
C8
18
NC
3
C4
19
+Vcc
4
C2
20
NC
5
C1
21
Cp
6
C32
22
NC
7
GND
23
Cp
8
NC
24
NC
9
NC
25
-Vee3
10
NC2
26
GND
11
GND
27
RF2
12
RF1
28
GND
13
GND
29
NC2
14
NC
30
-Vee3
15
NC
31
NC
16
NC
32
+Vcc
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
1.
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)
2.
Pins 10 & 29 must be isolated
3.
-Vee is produced internally and requires a .1µF cap to GND.
Generated noise is typical of switching DC-DC Converters.



Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl