Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C02C Datasheet(PDF) 5 Page - Microchip Technology

Part # 24C02C
Description  2K 5.0V I2C??Serial EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C02C Datasheet(HTML) 5 Page - Microchip Technology

  24C02C_08 Datasheet HTML 1Page - Microchip Technology 24C02C_08 Datasheet HTML 2Page - Microchip Technology 24C02C_08 Datasheet HTML 3Page - Microchip Technology 24C02C_08 Datasheet HTML 4Page - Microchip Technology 24C02C_08 Datasheet HTML 5Page - Microchip Technology 24C02C_08 Datasheet HTML 6Page - Microchip Technology 24C02C_08 Datasheet HTML 7Page - Microchip Technology 24C02C_08 Datasheet HTML 8Page - Microchip Technology 24C02C_08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2008 Microchip Technology Inc.
DS21202J-page 5
24C02C
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
SDA Serial Data
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal; therefore, the SDA bus requires a pull-
up resistor to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for
400 kHz).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.2
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
2.3
A0, A1, A2
The levels on these inputs are compared with the
corresponding bits in the slave address. The chip is
selected if the compare is true.
Up to eight 24C02C devices may be connected to the
same bus by using different Chip Select bit combina-
tions. These inputs must be connected to either VCC or
VSS.
2.4
WP
This is the hardware write-protect pin. It must be tied to
VCC or VSS. If tied to Vcc, the hardware write protection
is enabled. If the WP pin is tied to VSS the hardware
write protection is disabled.
2.5
Noise Protection
The 24C02C employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 3.8 volts at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
Name
PDIP
SOIC
TSSOP
DFN/TDFN
MSOP
Function
A0
1
1
1
1
1
Address Pin A0
A1
2
2
2
2
2
Address Pin A1
A2
3
3
3
3
3
Address Pin A2
VSS
44
4
4
4
Ground
SDA
5
5
5
5
5
Serial Address/Data I/O
SCL
6
6
6
6
6
Serial Clock
WP
7
7
7
7
7
Write-Protect Input
VCC
8
8
8
8
8
+4.5 V to 5.5 V Power Supply


Similar Part No. - 24C02C_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C02C MICROCHIP-24C02C_07 Datasheet
394Kb / 24P
   2K 5.0V I2C??Serial EEPROM
2007
More results

Similar Description - 24C02C_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C02C-ISN MICROCHIP-24C02C-ISN Datasheet
523Kb / 30P
   2K 5.0V I2C??Serial EEPROM
2008
24C02CT MICROCHIP-24C02CT Datasheet
624Kb / 28P
   2K 5.0V I2C Serial EEPROM
01/02/08
24C02C MICROCHIP-24C02C_07 Datasheet
394Kb / 24P
   2K 5.0V I2C??Serial EEPROM
2007
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
   1K/2K 5.0V I2C??Serial EEPROM
2004
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
   2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
   2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
   2K I2C Serial EEPROM
12/08/06
24LC02BT-SN MICROCHIP-24LC02BT-SN Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24AA024 MICROCHIP-24AA024_09 Datasheet
522Kb / 30P
   2K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com