Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH-131N Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # JH-131N
Description  Three-Port Quadrature Hybrid, 20 - 200 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

JH-131N Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  JH-131N Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. JH-131N Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Three-Port Quadrature Hybrid,
20 - 200 MHz
Rev. V2
JH-131
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Internally Terminated Fourth Port
• Amplitude Balance 0.4 dB
• Impedance: 50 Ohms Nom.
• Input Power: 250 mW. Max.
• MIL-STD_202 Screening Available
C-13
Guaranteed Specifications*: From –55
oC to +85oC
Frequency Range
20 - 200 MHz
Insertion Loss (less coupling)
1.0 dB Max
Isolation
20 dB Min
Amplitude Balance
0.4 dB Max.
VSWR (All Ports)
1.4:1 Max
Deviation From Quadrature
6
o Max.
* All specifications apply with 50 Ohm source and load impedance.


Similar Part No. - JH-131N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-131N MACOM-JH-131N Datasheet
99Kb / 2P
   Three-Port Quadrature Hybrid 20 - 200 MHz
JH-131N MACOM-JH-131N Datasheet
243Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
More results

Similar Description - JH-131N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-131 MACOM-JH-131 Datasheet
99Kb / 2P
   Three-Port Quadrature Hybrid 20 - 200 MHz
JH-131 MACOM-JH-131_1 Datasheet
243Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
JH-121 MACOM-JH-121 Datasheet
172Kb / 2P
   Quadrature Hybrid, 100 - 200 MHz
JHS-121 MACOM-JHS-121 Datasheet
104Kb / 2P
   Quadrature Hybrid 100 - 200 MHz
logo
M/A-COM Technology Solu...
JH-121 MA-COM-JH-121 Datasheet
93Kb / 3P
   Quadrature Hybrid, 100 - 200 MHz
logo
Tyco Electronics
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
   Quadrature Hybrid 20 - 140 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
logo
M/A-COM Technology Solu...
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
   Quadrature Hybrid, 20 - 40 MHz
logo
SYNERGY MICROWAVE CORPO...
SLQ-K04 SYNERGY-SLQ-K04 Datasheet
63Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
logo
Tyco Electronics
JHS-142 MACOM-JHS-142 Datasheet
108Kb / 1P
   Surface Mount Quadrature Hybrid 200 - 400 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com