Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM71200-H1 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM71200-H1
Description  Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM71200-H1 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM71200-H1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM71200-H1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM71200-H1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Low Noise GaAs MMIC Power Amplifier
7.5 - 12.0 GHz
Rev. V7
MAAM71200-H1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
CR-16


Similar Part No. - MAAM71200-H1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM71200-H1 MACOM-MAAM71200-H1 Datasheet
96Kb / 2P
   Low Noise GaAs MMIC Amplifier 7.5 - 12 GHz
logo
M/A-COM Technology Solu...
MAAM71200-H1 MA-COM-MAAM71200-H1 Datasheet
129Kb / 3P
   Low Noise GaAs MMIC Power Amplifier
MAAM71200-H1 MA-COM-MAAM71200-H1 Datasheet
129Kb / 3P
   Low Noise GaAs MMIC Power Amplifier
MAAM71200-H1 MA-COM-MAAM71200-H1_15 Datasheet
518Kb / 4P
   Low Noise GaAs MMIC Power Amplifier
MAAM71200-H1_V7 MA-COM-MAAM71200-H1_V7 Datasheet
129Kb / 3P
   Low Noise GaAs MMIC Power Amplifier
More results

Similar Description - MAAM71200-H1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM71200 MA-COM-MAAM71200 Datasheet
180Kb / 4P
   Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
logo
Tyco Electronics
MAAM71200-H1 MACOM-MAAM71200-H1 Datasheet
96Kb / 2P
   Low Noise GaAs MMIC Amplifier 7.5 - 12 GHz
logo
Hittite Microwave Corpo...
HMC962LC4 HITTITE-HMC962LC4 Datasheet
1,019Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 7.5 - 26.5 GHz
logo
Tyco Electronics
MAAM71200 MACOM-MAAM71200 Datasheet
193Kb / 2P
   Low Noise GaAs MMIC Amplifier 7.5-12GHz
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
   1.5?? GHz Low Noise GaAs MMIC Amplifier
logo
M/A-COM Technology Solu...
XP1042-BD MA-COM-XP1042-BD Datasheet
345Kb / 1P
   12.0-16.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1042-BD MIMIX-XP1042-BD Datasheet
393Kb / 1P
   12.0-16.0 GHz GaAs MMIC
XB1009-QT MIMIX-XB1009-QT Datasheet
267Kb / 8P
   12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
logo
Tyco Electronics
MAAM12000 MACOM-MAAM12000 Datasheet
191Kb / 2P
   Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com