Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4PK3002 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PK3002
Description  2000 Volt & 3000 Volt PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PK3002 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4PK3002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PK3002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PK3002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PK3002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PK3002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PK3002 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4PK3002 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4PK3002 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 Volt & 3000 Volt PIN Diodes
MA4PK2000, MA4PK3000
Rev. V8
KILOVOLTTM Series
2
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
ABSOLUTE MAXIMUM RATINGS
MAXIMUM POWER DISSIPATION @ TCASE = 25°C
Operating and Storage Temp.
-65°C to +175°C
MA4PK2001
MA4PK2002
50 Watts
Installation Temperature
250°C/30 Seconds
MA4PK2003
MA4PK2004
37.5 Watts
Instantaneous Reverse Voltage
Voltage Rating
MA4PK3001
MA4PK3002
75 Watts
Forward Current (RF and DC)
25 Amperes
MA4PK3003
MA4PK3004
50 Watts
Electrical Specifications
1 @ T
A = 25°C
PARAMETER
CONDITION
MA4PK2000 Series
MA4PK3000 Series
Reverse Voltage (Max)
VR
10 μA
2000 Volts
3000 Volts
Series Resistance (Max)
RS
F = 4 MHz, I = 0.5 A
0.20 Ω
0.25 Ω
Series Resistance (Typ.)
RS
F = 1.0 -100 MHz, I = 0.5 A
0.10 Ω
0.15 Ω
Total Capacitance (Max)
CT
F = 1 MHz, V = 100 V
3.2 pF
4.0 pF
Parallel Resistance (Typ.)
RP
F =100 MHz, V = 0 V
5K Ω
10K Ω
Carrier Lifetime (Min)
TL
IF = 10 mA
10 μs
20 μs
Forward Voltage (Max)
VF
IF = 1 A
1.2 V
1.2 V
Thermal Resistance (Max)
Ø
3°C/W (Stud)
4°C/W (Ins Stud)
2°C/W (Stud)
3°C/W (Ins Stud)
I-Region Width (Nom)
200 μm
325 μm
1. Specifications Subject to Change Without Notice.


Similar Part No. - MA4PK3002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4PK3002 MACOM-MA4PK3002 Datasheet
546Kb / 4P
   2000 Volt and 3000 Volt PIN Diodes
MA4PK3002 MACOM-MA4PK3002 Datasheet
280Kb / 8P
   2000 Volt and 3000 Volt PIN Diodes
logo
M/A-COM Technology Solu...
MA4PK3002 MA-COM-MA4PK3002 Datasheet
841Kb / 9P
   2000 Volt & 3000 Volt PIN Diodes
MA4PK3002 MA-COM-MA4PK3002 Datasheet
841Kb / 9P
   2000 Volt & 3000 Volt PIN Diodes
More results

Similar Description - MA4PK3002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
KILOVOLT MA-COM-KILOVOLT Datasheet
841Kb / 9P
   2000 Volt & 3000 Volt PIN Diodes
MA4PK200X MA-COM-MA4PK200X Datasheet
841Kb / 9P
   2000 Volt & 3000 Volt PIN Diodes
logo
Tyco Electronics
MA4PK3000 MACOM-MA4PK3000 Datasheet
546Kb / 4P
   2000 Volt and 3000 Volt PIN Diodes
MA4PK2000 MACOM-MA4PK2000_1 Datasheet
280Kb / 8P
   2000 Volt and 3000 Volt PIN Diodes
MA4PK2000-3000 MACOM-MA4PK2000-3000 Datasheet
257Kb / 8P
   2000 Volt & 3000 Volt PIN Diodes MA4PK200X & MA4PK300X
logo
M/A-COM Technology Solu...
MA4P7470F-1072T MA-COM-MA4P7470F-1072T Datasheet
84Kb / 7P
   2000 Volt & 3000 Volt PIN Diodes MA4PK2000, MA4PK3000
logo
American Microsemicondu...
1N270 AMMSEMI-1N270 Datasheet
197Kb / 1P
   GERMANIUM DIODES 100 VOLT
logo
Extech Instruments Corp...
382400 EXTECH-382400 Datasheet
220Kb / 9P
   Flexible AC Clamp Meter 3000 Amp / 600 Volt
logo
Micro Commercial Compon...
1N914 MCC-1N914 Datasheet
86Kb / 3P
   500mW 100 Volt Silicon Epitaxial Diodes
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A Datasheet
122Kb / 2P
   30 VOLT ABRUPT JUNCTION VARACTOR DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com