Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4P7470F-1072T Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P7470F-1072T
Description  2000 Volt & 3000 Volt PIN Diodes MA4PK2000, MA4PK3000
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P7470F-1072T Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4P7470F-1072T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P7470F-1072T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P7470F-1072T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P7470F-1072T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P7470F-1072T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P7470F-1072T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P7470F-1072T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2000 Volt & 3000 Volt PIN Diodes
MA4PK2000, MA4PK3000
Rev. V2
MA4P7470F-1072T
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Electrical Performance
MA4P7470F-1072T Ct vs Voltage
0.1
1
0.1
1.0
10.0
100.0
Voltage ( V )
100 MHz
1500 MHz
MA4P7470F-1072T Ls vs Frequency
0.1
1
100.0
1000.0
Frequency ( MHz )
Ls_50 mA


Similar Part No. - MA4P7470F-1072T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P7470F-1072T MACOM-MA4P7470F-1072T Datasheet
137Kb / 6P
   Non Magnetic SMQ HIPAX PIN Diode
MA4P7470F-1072T MACOM-MA4P7470F-1072T Datasheet
118Kb / 6P
   Non Magnetic MELF PIN Diode
More results

Similar Description - MA4P7470F-1072T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
KILOVOLT MA-COM-KILOVOLT Datasheet
841Kb / 9P
   2000 Volt & 3000 Volt PIN Diodes
MA4PK2000 MA-COM-MA4PK2000 Datasheet
242Kb / 8P
   2000 Volt & 3000 Volt PIN Diodes
MA4PK200X MA-COM-MA4PK200X Datasheet
841Kb / 9P
   2000 Volt & 3000 Volt PIN Diodes
logo
Tyco Electronics
MA4PK3000 MACOM-MA4PK3000 Datasheet
546Kb / 4P
   2000 Volt and 3000 Volt PIN Diodes
MA4PK2000 MACOM-MA4PK2000_1 Datasheet
280Kb / 8P
   2000 Volt and 3000 Volt PIN Diodes
MA4PK2000-3000 MACOM-MA4PK2000-3000 Datasheet
257Kb / 8P
   2000 Volt & 3000 Volt PIN Diodes MA4PK200X & MA4PK300X
logo
American Microsemicondu...
1N270 AMMSEMI-1N270 Datasheet
197Kb / 1P
   GERMANIUM DIODES 100 VOLT
logo
Extech Instruments Corp...
382400 EXTECH-382400 Datasheet
220Kb / 9P
   Flexible AC Clamp Meter 3000 Amp / 600 Volt
logo
Micro Commercial Compon...
1N914 MCC-1N914 Datasheet
86Kb / 3P
   500mW 100 Volt Silicon Epitaxial Diodes
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A Datasheet
122Kb / 2P
   30 VOLT ABRUPT JUNCTION VARACTOR DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com