Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA11001D Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # EA11001D
Description  80~100W AC-DC Single Output Desk Top Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

EA11001D Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  EA11001D Datasheet HTML 1Page - RSG Electronic Components GmbH EA11001D Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
80~100W AC-DC Single Output Desk Top Type
EA11001 series
Model
Item
12V~16V
19V~24V
12V~16V
19V~24V
90W
100W
80W
90W
7.5A
5.2A
6.6A
4.73A
2.0% Max.
1.5% Max.
2.0% Max.
1.5% Max.
84% Typical
86% Typical
84% Typical
86% Typical
Active PFC
AC 90~264V
47~63Hz
+/- 5%
1% Max.
Ripple & Noise
Efficiency
Output Current (Max.)
EA11001C
EA11001D
UL/CUL, FCC, CE,CB
Yes
Yes
0~40°C
Yes
-20°
C~85°C
ClassⅠ
UL60950-1,IEC60950-1
SPECIFICATION
Output Voltage
Output Rating (Max.)
EA11001A
EA11001B
Input Voltage (Limit)
Input Frequency
Line Regulation
Load Regulation
Standard Plug
Over Voltage Protection
Over Current Protection
Operating Temperature
Storage Temperature
Approx. Weight
LED Indication
Dimension
ClassⅠor ClassⅡ
Safety Standards
Safety/EMC
MTBF
Safety Standards
Safety/EMC
UL60065, EN60065, IEC60065
UL/CUL, TUV, CE, CB
Optional
30,000 hours
Yes
136L x 58.5W x 33.7mm
450 grams
¢
Features:
R
Active PFC
R
CEC Efficiency Regulations Compliance
R
RoHS Compliance
R
IEC320 C14 ( 3PIN)
R
Over Voltage Protective Installation
R
Over Current Protective Installation
R
Protection Type: Auto-Recovery
R
Application: POS,LCD, Printer,IT, Scanner,NB
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - EA11001D

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EA11203 BOTHHAND-EA11203 Datasheet
139Kb / 2P
   120 Watt Switching Adapter
EA112032 BOTHHAND-EA112032 Datasheet
139Kb / 2P
   120 Watt Switching Adapter
EA112032A BOTHHAND-EA112032A Datasheet
139Kb / 2P
   120 Watt Switching Adapter
EA112032B BOTHHAND-EA112032B Datasheet
139Kb / 2P
   120 Watt Switching Adapter
EA11203A BOTHHAND-EA11203A Datasheet
139Kb / 2P
   120 Watt Switching Adapter
More results

Similar Description - EA11001D

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EA10952A RSG-EA10952A Datasheet
106Kb / 2P
   80~90W AC-DC Single Output Desk Top Type
EA1060A RSG-EA1060A Datasheet
107Kb / 2P
   36~60W AC-DC Single Output Desk Top Type
EA1050A RSG-EA1050A Datasheet
109Kb / 2P
   30~60W AC-DC Single Output Desk Top Type
logo
Total Power Internation...
TPMPU101 TOTAL-POWER-TPMPU101 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPSPU100 TOTAL-POWER-TPSPU100 Datasheet
272Kb / 2P
   100W Desk Top Type I.T.E. Power Supplies
logo
Integrated Power Design...
GRN-80S IPDPOWER-GRN-80S Datasheet
374Kb / 2P
   80 WATTS SINGLE OUTPUT AC-DC
logo
Total Power Internation...
TPSPU41A TOTAL-POWER-TPSPU41A Datasheet
307Kb / 2P
   40W Desk Top Type
logo
Power Systems GmbH+Co.K...
VAN60-150C POWER-SYSTEMS-VAN60-150C Datasheet
381Kb / 2P
   AC-DC Power Supplies 60 WATTS DESK TOP AC ADAPTER
VAN90A-1200 POWER-SYSTEMS-VAN90A-1200 Datasheet
420Kb / 2P
   AC-DC POWER SUPPIELS 90 WATTS DESK TOP AC ADAPTER
VE15B-050 POWER-SYSTEMS-VE15B-050 Datasheet
111Kb / 1P
   AC-DC Power Supplies 15 WATTS DESK TOP AC ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com