Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU1P0-15D05 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # DU1P0-15D05
Description  1 WATT UNREGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DU1P0-15D05 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  DU1P0-15D05 Datasheet HTML 1Page - RSG Electronic Components GmbH DU1P0-15D05 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER:03
2 / 2
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(3)
Eff
(4)
(%)
Capacitor
Load max
(5)
DU1P0-05S05
4.5 – 5.5 VDC
5 VDC
200mA
274mA
77
6.2uF
DU1P0-05S12
4.5 – 5.5 VDC
12 VDC
83mA
255mA
82
6.2uF
DU1P0-05S15
4.5 – 5.5 VDC
15 VDC
67mA
261mA
81
6.2uF
DU1P0-05D05
4.5 – 5.5 VDC
± 5 VDC
± 100mA
270mA
78
3.0uF
DU1P0-05D12
4.5 – 5.5 VDC
± 12 VDC
± 42mA
258mA
82
3.0uF
DU1P0-05D15
4.5 – 5.5 VDC
± 15 VDC
± 33mA
257mA
81
3.0uF
DU1P0-12S05
10.8 – 13.2 VDC
5 VDC
200mA
114mA
77
6.2uF
DU1P0-12S12
10.8 – 13.2 VDC
12 VDC
83mA
106mA
82
6.2uF
DU1P0-12S15
10.8 – 13.2 VDC
15 VDC
67mA
112mA
79
6.2uF
DU1P0-12D05
10.8 – 13.2 VDC
± 5 VDC
± 100mA
114mA
77
3.0uF
DU1P0-12D12
10.8 – 13.2 VDC
± 12 VDC
± 42mA
109mA
81
3.0uF
DU1P0-12D15
10.8 – 13.2 VDC
± 15 VDC
± 33mA
106mA
82
3.0uF
DU1P0-15S05
13.5 – 16.5 VDC
5 VDC
200mA
97mA
73
6.2uF
DU1P0-15S12
13.5 – 16.5 VDC
12 VDC
83mA
89mA
79
6.2uF
DU1P0-15S15
13.5 – 16.5 VDC
15 VDC
67mA
88mA
80
6.2uF
DU1P0-15D05
13.5 – 16.5 VDC
± 5 VDC
± 100mA
94mA
75
3.0uF
DU1P0-15D12
13.5 – 16.5 VDC
± 12 VDC
± 42mA
88mA
80
3.0uF
DU1P0-15D15
13.5 – 16.5 VDC
± 15 VDC
± 33mA
87mA
80
3.0uF
DU1P0-24S05
21.6 – 26.4 VDC
5 VDC
200mA
61mA
72
6.2uF
DU1P0-24S12
21.6 – 26.4 VDC
12 VDC
83mA
56mA
78
6.2uF
DU1P0-24S15
21.6 – 26.4 VDC
15 VDC
67mA
57mA
78
6.2uF
DU1P0-24D05
21.6 – 26.4 VDC
± 5 VDC
± 100mA
59mA
75
3.0uF
DU1P0-24D12
21.6 – 26.4 VDC
± 12 VDC
± 42mA
57mA
78
3.0uF
DU1P0-24D15
21.6 – 26.4 VDC
± 15 VDC
± 33mA
55mA
79
3.0uF
0.01x 0.02
( 0.25 x 0.5) Rectangular Pin
0.016(0.4)
FRONT VIEW
0.40(10.2)
0.77(19.6)
0.14(3.6)
0.10(2.54)
0.085(2.16)
0.20(5.08)
Note
1.
The DU1P0 series required a minimum 10% loading on the output to
maintain specified regulation. Operation under no-load condition will
not damage these devices, however they may not meet all listed
specification
2.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at
40ºC. (Ground fixed and controlled environment).
3.
Maximum value at nominal input voltage and full load of standard type.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
1 2
4 5 6
BOTTOM VIEW
7
0.053(1.35)
0.24(6.1)
All dimensions in inches(mm)
Tolerance : x.xx±0.02(x.x±0.5)
x.xxx±0.01(x.xx±0.25)
Pin pitch tolerance ±0.014(0.35)
50
60
70
80
90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
DU1P0-24S05 Derating Curve
Nature convection
STANDARD
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
4
-OUTPUT -OUTPUT
5
NC
COMMON
6
+ OUTPUT + OUTPUT
“N” Models
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
5
- OUTPUT -OUTPUT
6
NC
COMMON
7
+ OUTPUT + OUTPUT
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - DU1P0-15D05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU1P0-15D05 ETC-DU1P0-15D05 Datasheet
88Kb / 2P
   1 WATT DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-15D05 ASTRODYNE-DU1P0-15D05 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
DU1P0-15D05 P-DUKE-DU1P0-15D05 Datasheet
233Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
DU1P0-15D05 P-DUKE-DU1P0-15D05 Datasheet
306Kb / 2P
   1 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-15D05 ASTRODYNE-DU1P0-15D05 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
More results

Similar Description - DU1P0-15D05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DUR01-33S33 P-DUKE-DUR01-33S33 Datasheet
235Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DUR01-33S33 RSG-DUR01-33S33 Datasheet
159Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DU1P0-05S05 P-DUKE-DU1P0-05S05 Datasheet
233Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Wall Industries,Inc.
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com