Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA1060D Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # EA1060D
Description  36~60W AC-DC Single Output Desk Top Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

EA1060D Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  EA1060D Datasheet HTML 1Page - RSG Electronic Components GmbH EA1060D Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
36~60W AC-DC Single Output Desk Top Type
EA1060 series
Model
Item
12V~17V
18V~24V
12V~17V
18V~24V
56W
60W
36W
36W
4.2A
3.2A
3A
2A
78% Typical
82% Typical
78% Typical
82% Typical
----
EK
----
----
Safety Standards
Safety(1)/EMC
MTBF
Optional
30,000 hours
Yes
107L x 60W x 30Hmm
280 grams
Safety(2)/EMC
Efficiency
Standard Plug
Over Voltage Protection
Over Current Protection
Operating Temperature
Storage Temperature
Approx. Weight
LED Indication
Dimension
ClassⅠor ClassⅡ
Input Frequency
Line Regulation
Load Regulation
Ripple & Noise
Output Voltage
Output Rating (Max.)
Output Current (Max.)
Input Voltage (Limit)
EA1060C
EA1060D
SPECIFICATION
EA1060A
EA1060B
-20°
C~85°C
ClassⅡ
UL60950-1, EN60950-1, IEC60950-1
UL/CUL,TUV,PSE,DoIR+C-Tick,CE,CB
1.2% Max.
Yes
Yes
0~40°C
AC 90~264V
47~63Hz
+/- 5%
1% Max.
¢
Features:
R
Compact Size
R
CEC Efficiency Regulations
Compliance(Optional)
R
RoHS Compliance
R
IEC320 C8 ( 2PIN)
R
Over Voltage Protective Installation
R
Over Current Protective Installation
R
Protection Type: Auto-Recovery
R
Application: POS,LCD, Printer,IT, Scanner,NB
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - EA1060D

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EA1060D BOTHHAND-EA1060D Datasheet
40Kb / 2P
   36 Watts Switching Adapter
More results

Similar Description - EA1060D

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EA1050A RSG-EA1050A Datasheet
109Kb / 2P
   30~60W AC-DC Single Output Desk Top Type
EA10952A RSG-EA10952A Datasheet
106Kb / 2P
   80~90W AC-DC Single Output Desk Top Type
EA11001A RSG-EA11001A Datasheet
110Kb / 2P
   80~100W AC-DC Single Output Desk Top Type
logo
Mean Well Enterprises C...
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
logo
Total Power Internation...
TPSPU61A TOTAL-POWER-TPSPU61A Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
TPSPU60 TOTAL-POWER-TPSPU60 Datasheet
249Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
logo
Volgen Kaga Electronics...
SPU50-1 VOLGEN-SPU50-1 Datasheet
327Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU41A TOTAL-POWER-TPSPU41A Datasheet
307Kb / 2P
   40W Desk Top Type
logo
Powerbox
TR36 POWERBOX-TR36 Datasheet
278Kb / 1P
   36 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Volgen Kaga Electronics...
SPU60-101 VOLGEN-SPU60-101 Datasheet
370Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com