Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA1050B Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # EA1050B
Description  30~60W AC-DC Single Output Desk Top Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

EA1050B Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  EA1050B Datasheet HTML 1Page - RSG Electronic Components GmbH EA1050B Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30~60W AC-DC Single Output Desk Top Type
EA1050 series
Model
Item
12~17V
18V~24V
12~17V
18V~24V
12~17V
12~17V
12~17V
60W
60W
50W
50W
42W
36W
30W
5A
3.3A
4.2A
2.8A
3.5A
3A
2.5A
78% Typical 82% Typical
78% Typical
82% Typical 78% Typical 78% Typical 78% Typical
EK
----
EK,NOM(12V),PSB
----
EK
EK
EK
47~63Hz
1% Max.
+/- 5%
1.2% Max.
SPECIFICATION
EA1050A
EA1050B
Output Voltage
Output Rating (Max.)
Output Current (Max.)
Input Voltage (Limit)
Input Frequency
Line Regulation
Load Regulation
Ripple & Noise
Efficiency
Standard Plug
Over Voltage Protection
Over Current Protection
Operating Temperature
Storage Temperature
Approx. Weight
LED Indication
Dimension
ClassⅠor ClassⅡ
Safety Standards
Yes
121L x60W x 34.5H mm
280 grams
Optional
Safety(1)/EMC
MTBF
30,000 hours
Safety Standards
Safety/EMC
UL60065, EN60065, IEC60065
Safety(2)/EMC
UL/CUL,TUV,BSMI,CCC,FCC,CB
EA1050E
EA1050F
EA1050G
AC 90~264V
EA1050C
EA1050D
ClassⅠ
UL60950-1, EN60950-1, IEC60950-1
UL/CUL,TUV,BSMI,PSE,NORDIC,CCC,DoIR+C-Tick,CE,FCC,CB
Yes
Yes
0~40°C
-20°
C~85°C
¢
Features:
R
Economy Type
R
CEC Efficiency Regulations
Compliance(Optional)
R
RoHS Compliance
R
IEC320 C14 ( 3PIN)
R
Over Voltage Protective Installation
R
Over Current Protective Installation
R
Protection Type: Auto-Recovery
R
Application: POS,LCD, Printer,IT, Scanner,NB…
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - EA1050B

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EA1050B BOTHHAND-EA1050B Datasheet
42Kb / 2P
   50~60 Watts Switching Adapter
More results

Similar Description - EA1050B

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EA1060A RSG-EA1060A Datasheet
107Kb / 2P
   36~60W AC-DC Single Output Desk Top Type
EA10952A RSG-EA10952A Datasheet
106Kb / 2P
   80~90W AC-DC Single Output Desk Top Type
EA11001A RSG-EA11001A Datasheet
110Kb / 2P
   80~100W AC-DC Single Output Desk Top Type
logo
Mean Well Enterprises C...
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
logo
Total Power Internation...
TPSPU61A TOTAL-POWER-TPSPU61A Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
TPSPU60 TOTAL-POWER-TPSPU60 Datasheet
249Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
logo
Volgen Kaga Electronics...
SPU50-1 VOLGEN-SPU50-1 Datasheet
327Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU41A TOTAL-POWER-TPSPU41A Datasheet
307Kb / 2P
   40W Desk Top Type
logo
Volgen Kaga Electronics...
SPU60-101 VOLGEN-SPU60-101 Datasheet
370Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com