Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3-XX24D Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # DS3-XX24D
Description  Dual output unregulated DC/DC converters 1W
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DS3-XX24D Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  DS3-XX24D Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DS3-XXXX-D(H3) series
Dual output unregulated DC/DC converters 1W
ELECTRICAL SPECIFICATIONS
Input voltage range
±10%
Input filter
capacitor
Output voltage accuracy
±5%
Line voltage regulation
1.2% typ. / 1% of Vin
Load voltage regulation (10%~100%) -
5V output types ->
15% max.
9V, 12V and 15V output types ->
10% max.
Ripple & Noise / 20 MHz BW
±100 mV p-p max.
Efficiency at full load
70% min.
Isolation voltage
1000 VDC min.
Short circuit protection
1.0 sec.
Operating temperature range
-40°C~85°C
Storage temperature range
-55°C~125°C
Isolation resistance
10 GOhm min.
Isolation capacity
70 pF typ.
Package weight
2.2 g
ReFlow temp.
230°C (10 sec.)
Meet CE EN-60950-1 certified, measured @ 25°C with the condition of Vin = nominal and full load
Note: Add/H3 after P/N for isolation 3kVDC
PACKAGE STYLE AND PINNING (mm)
SELECTION GUIDE
Issue 0508. Subject to change without notice.
individual power supplies
RSG Electronic Components GmbH
Sprendlinger Landstr. 115
D-63069 Offenbach
Tel. +49 69 984047-0
Fax +49 69 984047-77
info@rsg-electronic.de
www.rsg-electronic.de
Part Number
DS3-XX3.3D
DS3-XX05D
DS3-XX09D
DS3-XX12D
DS3-XX15D
DS3-XX24D
Input Voltage (VDC)
3.3, 5, 9, 12, 15, 24
3.3, 5, 9, 12, 15, 24
3.3, 5, 9, 12, 15, 24
3.3, 5, 9, 12, 15, 24
3.3, 5, 9, 12, 15, 24
3.3, 5, 9, 12, 15, 24
Output Voltage (VDC)
±3.3
±5
±9
±12
±15
±24
Output Current (mA)
±152
±100
±55
±42
±33
±21
Efficiency (%)
68
70
75
78
80
80
DS3-0505D
±100 mA
RSG XXXX
Unit: mm
Tol.: ±0.25 mm


Similar Part No. - DS3-XX24D

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DS3-XX24D RSG-DS3-XX24D Datasheet
63Kb / 1P
   Dual output unregulated DC/DC converters 2W
More results

Similar Description - DS3-XX24D

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DS3-XX3.3 RSG-DS3-XX3.3 Datasheet
59Kb / 1P
   Single output unregulated DC/DC converters 1W
logo
Microdc power Technolog...
H-XS MICRODC-H-XS Datasheet
605Kb / 4P
   1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
H-XM MICRODC-H-XM Datasheet
603Kb / 4P
   1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
logo
Mean Well Enterprises C...
DET01 MEANWELL-DET01_09 Datasheet
233Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
DET01 MEANWELL-DET01 Datasheet
227Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
logo
RSG Electronic Componen...
DS3-XX05D RSG-DS3-XX05D Datasheet
63Kb / 1P
   Dual output unregulated DC/DC converters 2W
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Microdc power Technolog...
B-XS-1WP MICRODC-B-XS-1WP Datasheet
1Mb / 5P
   1W,Fixed Input ,Isolated & Unregulated Single Output DC/DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com