Electronic Components Datasheet Search |
|
DPP100-24 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH |
|
DPP100-24 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH |
1 / 3 page DPP15-100 Series 15-100W, 5-48V Output DIN Rail Mount Power Supplies Key Market Segments & Applications Industrial Controls: Motor Control Systems Factory Automation: Process Control, Automotive, Chemical Processing Test & Measurement: Burn in & Test, Instrumentation Measurement • Low Cost • 5V to 48V Outputs • Universal Input • Compact Size • NEC Class 2 Compliant • UL508 Listed • -10 to +71°C Operation • RoHS Compliant DPP15-100 Features and Benefits Features Benefits • PFC Compliant to EN61000-3-2 • Supports Global Use • UL508 Approvals • Easier System Configuration • TS35/7.5 or TS35/15 DIN Rail Mounting • Easy System Integration DPP15-100 Series 1 Specifications MODELS DPP15 DPP25/30 DPP50 DPP100 ITEMS AC Input Voltage range (1) VAC 85 - 264VAC 85 - 132VAC 176 - 264VAC Input Frequency Hz 47 - 63Hz DC Input Voltage range - 90 - 375VDC 210 - 375VDC Inrush Current (115 / 230VAC) A <35A 35 / 45A 35 / 50A 35 / 55A Power Factor - Meets EN61000-3-2 Class A Max Input Current (230VAC) A 0.4 0.72 1.35 2.2 Output Voltage Accuracy % ±1% (24V outputs preset at 24.5V) Line Regulation % < 0.5% Load Regulation % < 0.5% Ripple/Noise mV <50mV (20MHz Bandwith) Overcurrent Protection (Typ) - >120% Overvoltage Protection V 125 - 137.5%, Cycle AC line to reset Hold Up Time (115VAC input) ms > 20ms Parallel switch - No Yes LED Indicator - Green LED = On Operating Temperature - -10 to +71°C (Derate linearly 5%/°C from 61 to 71°C) Storage Temperature - -25 to +85°C Operating Humidity - 20 - 90% RH (non condensing) Cooling (2) - Convection Withstand Voltage - Input to Output 3kVAC for 1 min. Shock - Half sine wave, 4G, 22ms, 3 times per face, X, Y, Z Vibration - 10-500Hz (20 min sweep) 0.002G2/Hz, 1Grms acceleration X, Y, Z, 1 hour Isolation Resistance - >100M at 25C & 70%RH, Output to Ground 500VDC Safety Agency Approvals - UL60950-1, UL508, UL1310(3) (Class 2), EN60950-1, CE Mark Emissions - EN55011, EN55022 Class B Radiated & Conducted, EN61000-6-3 Immunity - EN61000-6-2, EN61000-4-2 Level4, EN61000-4-3, EN61000-4-6 Level 3 EN61000-4-4 Level 4 (I/P) Level 3 (O/P), EN61000-4-5 Level 4, EN61000-4-8, EN61000-4-11 Weight (Typ) g 130 260 390 Size (WxHxD) mm 23 x 75 x 97 45 x 75 x 91 73 x 75 x 97 Case material - Plastic MTBF (MIL-HDBK-217F, GF25) Hours 287,000 >288,000 273,000 239,000 Warranty - 2 years (1) Auto Select - DPP100 only (2) Recommend 25mm clearance on all sides. (3) Does not include DPP25-5 & DPP100-24 models. Evaluated to NEC NFPA70 Class 2 output per UL1310. |
Similar Part No. - DPP100-24 |
|
Similar Description - DPP100-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |