Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DOH10-05TA-P Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # DOH10-05TA-P
Description  Non-isolated Point of load DC/DC converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DOH10-05TA-P Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  DOH10-05TA-P Datasheet HTML 1Page - RSG Electronic Components GmbH DOH10-05TA-P Datasheet HTML 2Page - RSG Electronic Components GmbH DOH10-05TA-P Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output Current
Model Name
ON/OFF
Logic
Package
Input Voltage
Output Voltage
Min. Load
Max. Load
Efficiency (%)
5.0Vin, 3.3Vdc@10A
DOS10-05T
Negative
DOS10-05T-P
Positive
SMD
DOH10-05T
Negative
DOH10-05T-P
Positive
Vertical Mounting
SIP
DOH10-05TA
Negative
DOH10-05TA-P
Positive
Horizontal Mounting
SIP
2.4 ~ 5.5Vdc
Vin(min.)=Vo(set)+0.5V
0.75 ~ 3.3Vdc
0A
10A
95%
Fig. 1
Table 1
Vo(set) (V) Rtrim (KΩ)
0.7525
Open
1.2
41.973
1.5
23.077
1.8
15.004
2.5
6.974
3.3
3.160
2 / 3
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
External with Cout = 1μF ceramic//10μF tantalum capacitors.
3.
External with Cout = 2×150μF polymer capacitors.
4.
Output voltage programmable from 0.75V to 3.3V by connecting a single resistor (shown as Rtrim in Table 1) between the TRIM and GND pins of the
module.To calculate the value of the resistor Rtrim for a particular output voltage Vo, use the following equation:
5.
It’s necessary to equip the external input capacitors at the input of the module. The capacitors should connect as close as possible to the input
terminals that ensuring module stability. The external Cin is 3×150μF low-ESR polymer capacitors // 2×47μF ceramic capacitors at least.
6.
Device code with suffix “-P” – Positive logic(On/Off is open collector/drain logic input; Signal referenced to GND )
Device code with no suffix – Negative logic (On/Off pin is open collector/drain logic input with external pull –up resistor; signal referenced to GND)
7.
Case 1 :On/Off input is set to logic low (module on) and then input power is applied (delay from instant at which Vin=Vin(min) until Vo=10% of Vo(set))
8.
Case 2 :Input power is applied for at least one second and then the On/Off input is set to logic low (delay form instant at which Von/off=0.3V until
Vo=10% of Vo(set))
CAUTION
: This power module is not internally fused. An input line fuse must always be used.
Rtrim =
[
21070
Vo – 0.7525
-5110
] Ω
DOS10-05T, Vo=3.3V, Derating Curve
0
2
4
6
8
10
12
20
30
40
50
60
70
80
90
AMBIENT TEMPERATURE,TA(℃)


Similar Part No. - DOH10-05TA-P

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOH10-05TA-P P-DUKE-DOH10-05TA-P Datasheet
219Kb / 3P
   Non-isolated Point of load DC/DC converters
DOH10-05TA-P P-DUKE-DOH10-05TA-P Datasheet
696Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH10-05TA-P P-DUKE-DOH10-05TA-P Datasheet
696Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
More results

Similar Description - DOH10-05TA-P

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOS10-05T P-DUKE-DOS10-05T Datasheet
219Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS30-05T P-DUKE-DOS30-05T Datasheet
250Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS06-12T RSG-DOS06-12T Datasheet
203Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
Power Mate Technology C...
DOS10-12T P-DUKE-DOS10-12T Datasheet
220Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS06-05T RSG-DOS06-05T Datasheet
205Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS16-05T RSG-DOS16-05T Datasheet
208Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
Power Mate Technology C...
DOS06-12T P-DUKE-DOS06-12T Datasheet
222Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS16-05T P-DUKE-DOS16-05T Datasheet
220Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS16-12T P-DUKE-DOS16-12T Datasheet
236Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS06-05T P-DUKE-DOS06-05T Datasheet
223Kb / 3P
   Non-isolated Point of load DC/DC converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com